Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 77Page - Renesas Technology Corp M32C/86T Datasheet HTML 78Page - Renesas Technology Corp M32C/86T Datasheet HTML 79Page - Renesas Technology Corp M32C/86T Datasheet HTML 80Page - Renesas Technology Corp M32C/86T Datasheet HTML 81Page - Renesas Technology Corp M32C/86T Datasheet HTML 82Page - Renesas Technology Corp M32C/86T Datasheet HTML 83Page - Renesas Technology Corp M32C/86T Datasheet HTML 84Page - Renesas Technology Corp M32C/86T Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 505 page
background image
Page 58
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 8.2 Address Bus and Chip-Select Signal Outputs (Separate Bus)
Example 1:
When the microcomputer accesses the external
space j specified by another chip-select signal in the
next cycle after having accessed the external space i,
both address bus and chip-select signal change.
NOTES:
1. The above applies to the address bus and chip-select signal in two consecutive cycles.
By combining these examples, a chip-select signal extended by two or more cycles may be output.
Data Bus
Address Bus
Chip-Select Signal
CSk
Access
External
Space i
Chip-Select Signal
CSp
Access
External
Space j
Address
Data
Data
Example 2:
When the microcomputer accesses the SFR or the
internal ROM/RAM area in the next cycle after
having accessed an external space, the chip-select
signal changes but the address bus does not.
Example 3:
When the microcomputer accesses the space i
specified by the same chip-select signal in the next
cycle after having accessed the external space i,
the address bus changes but the chip-select signal
does not.
Data Bus
Address Bus
Chip-Select Signal
CSk
Data
Address
Data Bus
Address Bus
Chip-Select Signal
CSk
Data
Address
Access
External
Space
No Access
Access
External
Space i
Access
External
Space i
Data Bus
Address Bus
Chip-Select Signal
CSk
Data
Address
Example 4:
When the microcomputer does not access any
space in the next cycle after having accessed an
external space (no pre-fetch of an instruction is
generated), neither address bus nor chip-select
signal changes.
Data
Access
External
Space
Access SFR,
Internal
ROM/RAM
Area
i = 0 to 3
k = 0 to 3
j = 0 to 3, excluding i
p= 0 to 3, excluding k
(See Figure 7.3 for i, j and p, k)
k = 0 to 3
i = 0 to 3
k = 0 to 3
(See Figure 7.3 for i and k)
k = 0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com