Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 69Page - Renesas Technology Corp M32C/86T Datasheet HTML 70Page - Renesas Technology Corp M32C/86T Datasheet HTML 71Page - Renesas Technology Corp M32C/86T Datasheet HTML 72Page - Renesas Technology Corp M32C/86T Datasheet HTML 73Page - Renesas Technology Corp M32C/86T Datasheet HTML 74Page - Renesas Technology Corp M32C/86T Datasheet HTML 75Page - Renesas Technology Corp M32C/86T Datasheet HTML 76Page - Renesas Technology Corp M32C/86T Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 505 page
background image
Page 50
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
7. Processor Mode
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
7.2 Setting of Processor Mode
The CNVSS pin state and the PM01 and PM00 bit settings in the PM0 register determine which processor
mode is selected. Table 7.2 lists processor mode after hardware reset. Table 7.3 lists processor mode
selected by PM01 and PM00 bit settings.
Table 7.2 Processor Mode after Hardware Reset
Table 7.3 Processor Mode Selected by the PM01 and PM00 bit Settings
V
N
C
e
h
t
o
t
n
i
l
e
v
e
L
t
u
p
n
I
S
S
n
i
pe
d
o
M
r
o
s
s
e
c
o
r
P
V S
S
e
d
o
M
p
i
h
c
-
e
l
g
n
i
S
V C
C
)
2
,
1
(
e
d
o
M
r
o
s
s
e
c
o
r
p
o
r
c
i
M
:
S
E
T
O
N
g
n
i
y
l
p
p
a
n
e
h
w
,
s
g
n
i
t
t
e
s
t
i
b
0
0
M
P
d
n
a
1
0
M
P
f
o
s
s
e
l
d
r
a
g
e
r
,
d
e
s
s
e
c
c
a
e
b
t
o
n
n
a
c
M
O
R
l
a
n
r
e
t
n
i
e
h
T
.
1
V C
C
V
N
C
e
h
t
o
t
S
S
t
u
o
-
n
w
o
r
b
r
o
1
t
e
s
e
r
e
r
a
w
d
r
a
h
(
t
e
s
e
r
e
r
a
w
d
r
a
h
e
h
t
g
n
i
t
a
r
e
n
e
g
d
n
a
n
i
p
.
)
t
e
s
e
r
n
o
i
t
c
e
t
e
d
.
s
a
e
r
a
S
C
ll
a
o
t
d
e
n
g
i
s
s
a
e
b
t
o
n
n
a
c
s
u
b
d
e
x
e
l
p
i
t
l
u
M
.
2
s
t
i
B
0
0
M
P
d
n
a
1
0
M
Pe
d
o
M
r
o
s
s
e
c
o
r
P
0
0 2
e
d
o
M
p
i
h
c
-
e
l
g
n
i
S
1
0 2
e
d
o
M
n
o
i
s
n
a
p
x
E
y
r
o
m
e
M
0
1 2
e
u
l
a
v
s
i
h
t
o
t
t
e
s
t
o
n
o
D
1
1 2
e
d
o
M
r
o
s
s
e
c
o
r
p
o
r
c
i
M
If the PM01 and PM00 bits are rewritten, the mode corresponding to the PM01 and PM00 bits is selected
regardless of CNVSS pin level.
Do not change the PM01 and PM00 bits to "012" (memory expansion mode) or "112" (microprocessor
mode) when the PM07 to PM02 bits in the PM0 register are being rewritten.
Do not enter microprocessor mode while the CPU is executing a program in the internal ROM.
Do not enter single-chip mode or memory expansion mode from microprocessor mode while the CPU is
executing a program in an external memory space, the same address assigned for the internal ROM.
The internal ROM cannot be accessed, regardless of PM01 and PM00 bit settings, when applying VCC to
the CNVSS pin and generating the hardware reset (hardware reset 1 or brown-out detection reset).
Figures 7.1 and 7.2 show the PM0 register and PM1 register. Figure 7.3 shows a memory map in each
processor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com