Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 76Page - Renesas Technology Corp M32C/86T Datasheet HTML 77Page - Renesas Technology Corp M32C/86T Datasheet HTML 78Page - Renesas Technology Corp M32C/86T Datasheet HTML 79Page - Renesas Technology Corp M32C/86T Datasheet HTML 80Page - Renesas Technology Corp M32C/86T Datasheet HTML 81Page - Renesas Technology Corp M32C/86T Datasheet HTML 82Page - Renesas Technology Corp M32C/86T Datasheet HTML 83Page - Renesas Technology Corp M32C/86T Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 505 page
background image
Page 57
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
8.2 Bus Control
Signals, required to access external devices, are provided and software wait states are inserted as follows.
The signals are available in memory expansion mode and microprocessor mode only.
8.2.1 Address Bus and Data Bus
______
_____
Address bus is a signal accessing 16-Mbyte space and uses 24 control pins; A0 to A22 and A23. A23 is the
inversed output signal of the highest-order address bit.
Data bus is a signal for data input and output. The DS register selects an 8-bit data bus from D0 to D7 or
a 16-bit data bus from D0 to D15 for each external space. When applying a high-level ("H") signal to the
BYTE pin, the data bus accessing the external memory space 3 becomes an 8-bit data bus after reset.
When applying a low-level ("L") signal to the BYTE pin, the data bus accessing the external memory
space 3 becomes the 16-bit data bus.
When changing single-chip mode to memory expansion mode, the address bus is in an indeterminate
state until the microcomputer accesses an external memory space.
8.2.2 Chip-Select Signal
_____
Chip-select signal shares pins with A20 to A22 and A23. The PM11 and PM10 bits in the PM1 register
_____
determine which CS area is accessed and how many chip-select signals are output. A maximum of four
chip-select signals can be output.
______
In microprocessor mode, no chip-select signal, aside from A23 which can perform as a chip-select signal,
is output after reset.
______
The chip-select signal becomes "L" while the microcomputer is accessing the external CSi area (i=0 to 3).
It becomes "H" while the microcomputer is accessing other external memory space.
Figure 8.2 shows an example of the address bus and chip-select signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com