Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 42Page - Renesas Technology Corp M32C/86T Datasheet HTML 43Page - Renesas Technology Corp M32C/86T Datasheet HTML 44Page - Renesas Technology Corp M32C/86T Datasheet HTML 45Page - Renesas Technology Corp M32C/86T Datasheet HTML 46Page - Renesas Technology Corp M32C/86T Datasheet HTML 47Page - Renesas Technology Corp M32C/86T Datasheet HTML 48Page - Renesas Technology Corp M32C/86T Datasheet HTML 49Page - Renesas Technology Corp M32C/86T Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 505 page
background image
Page 23
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
012016
XX16
Base Timer Register 1
G1BT
012116
XX16
012216
Base Timer Control Register 10
G1BCR0
0016
012316
Base Timer Control Register 11
G1BCR1
X000 000X2
012416
Time Measurement Prescaler Register 16
G1TPR6
0016
012516
Time Measurement Prescaler Register 17
G1TPR7
0016
012616
Function Enable Register 1
G1FE
0016
012716
Function Select Register 1
G1FS
0016
012816
XXXX XXXX2
SI/O Receive Buffer Register 1
G1RB
012916
X000 XXXX2
012A16
Transmit Buffer/Receive Data Register 1
G1TB/G1DR
XX16
012B16
012C16
Receive Input Register 1
G1RI
XX16
012D16
SI/O Communication Mode Register 1
G1MR
0016
012E16
Transmit Output Register 1
G1TO
XX16
012F16
SI/O Communication Control Register 1
G1CR
0000 X0112
013016
Data Compare Register 10
G1CMP0
XX16
013116
Data Compare Register 11
G1CMP1
XX16
013216
Data Compare Register 12
G1CMP2
XX16
013316
Data Compare Register 13
G1CMP3
XX16
013416
Data Mask Register 10
G1MSK0
XX16
013516
Data Mask Register 11
G1MSK1
XX16
013616
013716
013816
XX16
Receive CRC Code Register 1
G1RCRC
013916
XX16
013A16
0016
Transmit CRC Code Register 1
G1TCRC
013B16
0016
013C16
SI/O Expansion Mode Register 1
G1EMR
0016
013D16
SI/O Expansion Receive Control Register 1
G1ERC
0016
013E16
SI/O Special Communication Interrupt Detection Register 1
G1IRF
0016
013F16
SI/O Expansion Transmit Control Register 1
G1ETC
0000 0XXX2
014016
014116
014216
014316
014416
014516
014616
014716
014816
014916
014A16
014B16
014C16
014D16
014E16
014F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com