Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 59Page - Renesas Technology Corp M32C/86T Datasheet HTML 60Page - Renesas Technology Corp M32C/86T Datasheet HTML 61Page - Renesas Technology Corp M32C/86T Datasheet HTML 62Page - Renesas Technology Corp M32C/86T Datasheet HTML 63Page - Renesas Technology Corp M32C/86T Datasheet HTML 64Page - Renesas Technology Corp M32C/86T Datasheet HTML 65Page - Renesas Technology Corp M32C/86T Datasheet HTML 66Page - Renesas Technology Corp M32C/86T Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 505 page
background image
Page 40
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
5. Reset
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 5.3 Brown-out Detection Reset (Hardware Reset 2)
5.3 Software Reset
Pins, the CPU and SFR are reset when the PM03 bit in the PM0 register is set to "1" (microcomputer reset).
Then the microcomputer executes the program in an address determined by the reset vector.
Set the PM03 bit to "1" while the main clock is selected as the CPU clock and the main clock oscillation is
stable.
In the software reset, the microcomputer does not reset a part of the SFR. Refer to 4. SFR for details.
Processor mode remains unchanged since the PM01 and PM00 bits in the PM0 register are not reset.
5.4 Watchdog Timer Reset
Pins, the CPU and SFR are reset when the CM06 bit in the CM0 register is set to "1" (reset) and the
watchdog timer underflows. Then the microcomputer executes the program in an address determined by
the reset vector.
In the watchdog timer reset, the microcomputer does not reset a part of the SFR. Refer to 4. SFR for details.
Processor mode remains unchanged since the PM01 and PM00 bits in the PM0 register are not reset.
Vdet4
Vdet3
5.0V
5.0V
VCC
Internal Reset Signal
VC13 Bit
VC26 Bit
VC27 Bit
Set to "1" by program (reset level detection circuit enabled)
Set to "1" by program
(low voltage detection circuit enabled)
When Stop Mode is not Used
VSS
Indeterminate
RESET
Vdet3s
Vdet3r
Indeterminate
Indeterminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com