Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 48Page - Renesas Technology Corp M32C/86T Datasheet HTML 49Page - Renesas Technology Corp M32C/86T Datasheet HTML 50Page - Renesas Technology Corp M32C/86T Datasheet HTML 51Page - Renesas Technology Corp M32C/86T Datasheet HTML 52Page - Renesas Technology Corp M32C/86T Datasheet HTML 53Page - Renesas Technology Corp M32C/86T Datasheet HTML 54Page - Renesas Technology Corp M32C/86T Datasheet HTML 55Page - Renesas Technology Corp M32C/86T Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 505 page
background image
Page 29
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
029016
0016
CAN1 Slot Interrupt Mask Register
C1SIMKR
029116
0016
029216
029316
029416
CAN1 Error Interrupt Mask Register
C1EIMKR
XXXX X0002(2)
029516
CAN1 Error Interrupt Status Register
C1EISTR
XXXX X0002(2)
029616
CAN1 Error Factor Register
C1EFR
0016(2)
029716
CAN1 Baud Rate Prescaler
C1BRP
0000 00012(2)
029816
029916
CAN1 Mode Register
C1MDR
XXXX XX002(2)
029A16
029B16
029C16
029D16
029E16
029F16
02A016
0016(2)
CAN1 Single Shot Control Register
C1SSCTLR
02A116
0016(2)
02A216
02A316
02A416
0016(2)
CAN1 Single Shot Status Register
C1SSSTR
02A516
0016(2)
02A616
02A716
02A816
CAN1 Global Mask Register Standard ID0
C1GMR0
XXX0 00002(2)
02A916
CAN1 Global Mask Register Standard ID1
C1GMR1
XX00 00002(2)
02AA16
CAN1 Global Mask Register Extended ID0
C1GMR2
XXXX 00002(2)
02AB16
CAN1 Global Mask Register Extended ID1
C1GMR3
0016(2)
02AC16
CAN1 Global Mask Register Extended ID2
C1GMR4
XX00 00002(2)
02AD16
02AE16
02AF16
CAN1 Message Slot 0 Control Register /
C1MCTL0/
0000 00002(2)
02B016
CAN1 Local Mask Register A Standard ID0
C1LMAR0
XXX0 00002(2)
CAN1 Message Slot 1 Control Register /
C1MCTL1/
0000 00002(2)
02B116
CAN1 Local Mask Register A Standard ID1
C1LMAR1
XX00 00002(2)
CAN1 Message Slot 2 Control Register /
C1MCTL2/
0000 00002(2)
02B216
CAN1 Local Mask Register A Extended ID0
C1LMAR2
XXXX 00002(2)
CAN1 Message Slot 3 Control Register /
C1MCTL3/
0016(2)
02B316
CAN1 Local Mask Register A Extended ID1
C1LMAR3
0016(2)
CAN1 Message Slot 4 Control Register /
C1MCTL4/
0000 00002(2)
02B416
CAN1 Local Mask Register A Extended ID2
C1LMAR4
XX00 00002(2)
02B516
CAN1 Message Slot 5 Control Register
C1MCTL5
0016(2)
02B616
CAN1 Message Slot 6 Control Register
C1MCTL6
0016(2)
02B716
CAN1 Message Slot 7 Control Register
C1MCTL7
0016(2)
CAN1 Message Slot 8 Control Register /
C1MCTL8/
0000 00002(2)
02B816
CAN1 Local Mask Register B Standard ID0
C1LMBR0
XXX0 00002(2)
CAN1 Message Slot 9 Control Register /
C1MCTL9/
0000 00002(2)
02B916
CAN1 Local Mask Register B Standard ID1
C1LMBR1
XX00 00002(2)
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The BANKSEL bit in the C1CTLR1 register switches functions for addresses 02A016 to 02BF16.
2. Values are obtained by setting the SLEEP bit in the C1SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com