Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 23Page - Renesas Technology Corp M32C/86T Datasheet HTML 24Page - Renesas Technology Corp M32C/86T Datasheet HTML 25Page - Renesas Technology Corp M32C/86T Datasheet HTML 26Page - Renesas Technology Corp M32C/86T Datasheet HTML 27Page - Renesas Technology Corp M32C/86T Datasheet HTML 28Page - Renesas Technology Corp M32C/86T Datasheet HTML 29Page - Renesas Technology Corp M32C/86T Datasheet HTML 30Page - Renesas Technology Corp M32C/86T Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 505 page
background image
Page 4
1. Overview
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 1.2 Product Numbering System
Package Type:
GP = Package PLQP0144KA-A (144P6Q-A)
ROM Capacity:
J = 512 Kbytes
Memory Type:
F = Flash Memory Version
M30 86 5 F J
GP
M32C/86 Group
M16C Family
RAM Capacity, Pin Count, etc
Classification:
Blank = General Industrial Use
T = T Version
1.4 Product Information
Table 1.2 lists the product information. Figure 1.2 shows the product numbering system.
Table 1.2 M32C/86 Group (1) (M32C/86)
As of September, 2005
Table 1.2 M32C/86 Group (2) (T Version, M32C/86T)
As of September, 2005
r
e
b
m
u
N
e
p
y
Te
p
y
T
e
g
a
k
c
a
P
M
O
R
y
t
i
c
a
p
a
C
M
A
R
y
t
i
c
a
p
a
C
s
k
r
a
m
e
R
8
0
3
MP
G
J
F
5
6)
A
-
Q
6
P
4
4
1
(
A
-
A
K
4
4
1
0
P
Q
L
P
K
4
+
K
2
1
5K
4
2y
r
o
m
e
M
h
s
a
l
F
r
e
b
m
u
N
e
p
y
Te
p
y
T
e
g
a
k
c
a
P
M
O
R
y
t
i
c
a
p
a
C
M
A
R
y
t
i
c
a
p
a
C
s
k
r
a
m
e
R
8
0
3
MP
G
T
J
F
5
6)
A
-
Q
6
P
4
4
1
(
A
-
A
K
4
4
1
0
P
Q
L
PK
4
+
K
2
1
5K
4
2y
r
o
m
e
M
h
s
a
l
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com