Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 73Page - Renesas Technology Corp M32C/86T Datasheet HTML 74Page - Renesas Technology Corp M32C/86T Datasheet HTML 75Page - Renesas Technology Corp M32C/86T Datasheet HTML 76Page - Renesas Technology Corp M32C/86T Datasheet HTML 77Page - Renesas Technology Corp M32C/86T Datasheet HTML 78Page - Renesas Technology Corp M32C/86T Datasheet HTML 79Page - Renesas Technology Corp M32C/86T Datasheet HTML 80Page - Renesas Technology Corp M32C/86T Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 505 page
background image
Page 54
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
8. Bus
In memory expansion mode or microprocessor mode, some pins function as bus control pins to control the
_____
______
______
_________ ______
_________ _______
_____
address bus and data bus. A0 to A22, A23, D0 to D15, CS0 to CS3, WRL/WR, WRH/BHE, RD, BCLK/ALE,
_________
_________
_______
HLDA/ALE, HOLD, ALE, RDY are used as bus control pins.
Bus control pins in M32C/86T cannot be used.
8.1 Bus Settings
The BYTE pin, the DS register, the PM05 and PM04 bits in the PM0 register and the PM11 and PM10 bits
in the PM1 register determine bus settings.
Table 8.1 lists how to change bus settings. Figure 8.1 shows the DS register.
Table 8.1 Bus Settings
Bus Setting
Changed By
Selecting External Address Bus Width
DS register
Setting Bus Width after Reset
BYTE pin (external space 3 only)
Selecting Between Separate Bus or Multiplexed Bus
PM05 and PM04 bits in PM0 register
Number of Chip-Select
PM11 and PM10 bits in PM1 register
Figure 8.1 DS Register
Symbol
Address
After Reset
DS
000B16
XXXX 10002 (BYTE pin = "L")
XXXX 00002 (BYTE pin = "H")
External Data Bus Width Control Register
RW
RW
RW
RW
RW
DS0
DS1
DS2
DS3
(b7 - b4)
0 : 8 bits wide
1 : 16 bits wide
0 : 8 bits wide
1 : 16 bits wide
0 : 8 bits wide
1 : 16 bits wide
0 : 8 bits wide
1 : 16 bits wide
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
External Space 0 Data
Bus Width Select Bit
External Space 1 Data
Bus Width Select Bit
External Space 2 Data
Bus Width Select Bit
External Space 3 Data
Bus Width Select Bit(1)
NOTES:
1. The DS register in M32C/86T cannot be used.
b7
b6
b5
b4
b3
b2
b1
b0
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com