Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 99Page - Renesas Technology Corp M32C/86T Datasheet HTML 100Page - Renesas Technology Corp M32C/86T Datasheet HTML 101Page - Renesas Technology Corp M32C/86T Datasheet HTML 102Page - Renesas Technology Corp M32C/86T Datasheet HTML 103Page - Renesas Technology Corp M32C/86T Datasheet HTML 104Page - Renesas Technology Corp M32C/86T Datasheet HTML 105Page - Renesas Technology Corp M32C/86T Datasheet HTML 106Page - Renesas Technology Corp M32C/86T Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 505 page
background image
Page 80
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.1.1 Main Clock
Main clock oscillation circuit generates the main clock. The main clock becomes clock source of the CPU
clock and peripheral function clock.
The main clock oscillation circuit is configured by connecting an oscillator or resonator between the XIN
and XOUT pins. The circuit has a built-in feedback resistor. The feedback resistor is separated from the
oscillation circuit in stop mode to reduce power consumption. An external clock can be applied to the XIN
pin in the main clock oscillation circuit. Figure 9.9 shows an example of a main clock circuit connection.
Circuit constants vary depending on each oscillator. Use the circuit constant recommended by each oscil-
lator manufacturer.
The main clock divided-by-eight becomes a CPU clock source after reset.
To reduce power consumption, set the CM05 bit in the CM0 register to "1" (main clock stopped) after
switching the CPU clock source to the sub clock or on-chip oscillator clock. In this case, the clock applied
to XOUT becomes high ("H"). XIN is pulled up by XOUT via the feedback resistor which remains on. When
an external clock is applied to the XIN pin, do not set the CM05 bit to "1".
All clocks, including the main clock, stop in stop mode. Refer to 9.5 Power Consumption Control for
details.
Figure 9.9 Main Clock Circuit Connection
External Clock
XIN
XOUT
Open
VCC
VSS
NOTES:
1. Place a damping resistor if required. Resistance values vary depending on the oscillator setting.
Use values recommended by each oscillator manufacturer.
Place a feedback resistor between XIN and XOUT if the oscillator manufacturer recommends
placing the resistor externally.
Oscillator
Rd
(1)
CIN
COUT
XIN
XOUT
Microcomputer
(Built-in Feedback Resistor)
Microcomputer
(Built-in Feedback Resistor)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com