Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 101Page - Renesas Technology Corp M32C/86T Datasheet HTML 102Page - Renesas Technology Corp M32C/86T Datasheet HTML 103Page - Renesas Technology Corp M32C/86T Datasheet HTML 104Page - Renesas Technology Corp M32C/86T Datasheet HTML 105Page - Renesas Technology Corp M32C/86T Datasheet HTML 106Page - Renesas Technology Corp M32C/86T Datasheet HTML 107Page - Renesas Technology Corp M32C/86T Datasheet HTML 108Page - Renesas Technology Corp M32C/86T Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 505 page
background image
Page 82
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.1.3 On-Chip Oscillator Clock
On-chip oscillator generates the on-chip oscillator clock. The 1-MHz on-chip oscillator clock becomes a
clock source of the CPU clock and peripheral function clock.
The on-chip oscillator clock stops after reset. When the CM21 bit in the CM2 register is set to "1" (on-chip
oscillator clock), the on-chip oscillator starts oscillating. Instead of the main clock, the on-chip oscillator
clock becomes clock source of the CPU clock and peripheral function clock.
Table 9.2 shows bit settings for on-chip oscillator start condition.
Table 9.2 Bit Settings for On-Chip Oscillator Start Condition
9.1.3.1 Oscillation Stop Detect Function
When the main clock is terminated by external source, the on-chip oscillator automatically starts oscil-
lating to generate another clock.
When the CM 20 bit in the CM2 registser is set to "1" (oscillation stop detect function enabled), an oscilla-
tion stop detection interrupt request is generated as soon as the main clock stops. Simultaneously, the on-
chip oscillator starts oscillating. Instead of the main clock, the on-chip oscillator clock becomes clock
source for the CPU clock and peripheral function clock. Associated bits are set as follows:
• The CM21 bit is set to "1" (on-chip oscillator clock becomes a clock source of the CPU clock.)
• The CM22 bit is set to "1" (main clock stop is detected.)
• The CM23 bit is set to "1" (main clock stops.) (See Figure 9.14)
9.1.3.2 How to Use Oscillation Stop Detect Function
• The oscillation stop detection interrupt shares vectors with the watchdog timer interrupt and the low
voltage detection interrupt. When these interrupts are used simultaneously, read the CM22 bit with
an interrupt routine to determine if an oscillation stop detection interrupt request has been gener-
ated.
• When the main clock resumes running after an oscillation stop is detected, set the main clock as
clock source of the CPU clock and peripheral function clock. Figure 9.11 shows the procedure to
switch the on-chip oscillator clock to the main clock.
• In low-speed mode, when the main clock is stopped by setting the CM20 bit to "1", the oscillation
stop detection interrupt request is generated. Simultaneously, the on-chip oscillator starts oscillat-
ing. The sub clock remains the CPU clock source. The on-chip oscillator clock becomes a clock
source for the peripheral function clock.
• When the peripheral function clock stops running, the oscillation stop detect function is also dis-
abled. To enter wait mode while the oscillation stop detect function is in use, set the CM02 bit in the
CM0 register to "0" (peripheral clock does not stop in wait mode).
• The oscillation stop detect function is provided to handle main clock stop caused by external source.
Set the CM20 bit to "0" (oscillation stop detect function disabled) when the main clock is terminated
by program, i.e., entering stop mode or setting the CM05 bit to "1" (main clock oscillation stop).
• When the main clock frequency is 2MHz or less, the oscillation stop detect function is not available.
Set the CM20 bit to "0".
r
e
t
s
i
g
e
R
2
M
Cr
e
t
s
i
g
e
R
2
M
P
s
a
d
e
s
U
t
i
B
1
2
M
C
t
i
B
2
2
M
Ps
t
i
B
6
2
M
P
d
n
a
7
2
M
P
10
0
0k
c
o
l
c
n
o
i
t
c
n
u
f
l
a
r
e
h
p
i
r
e
p
r
o
e
c
r
u
o
s
k
c
o
l
c
U
P
C
e
c
r
u
o
s
01
0
0e
c
r
u
o
s
k
c
o
l
c
g
n
i
t
a
r
e
p
o
r
e
m
i
t
g
o
d
h
c
t
a
W
)
.
e
d
o
m
p
o
t
s
g
n
i
r
e
t
n
e
n
e
h
w
g
n
i
n
n
u
r
s
p
e
e
k
k
c
o
l
c
e
h
T
(
00
1
0f n
2
e
c
r
u
o
s
t
n
u
o
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com