Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 105Page - Renesas Technology Corp M32C/86T Datasheet HTML 106Page - Renesas Technology Corp M32C/86T Datasheet HTML 107Page - Renesas Technology Corp M32C/86T Datasheet HTML 108Page - Renesas Technology Corp M32C/86T Datasheet HTML 109Page - Renesas Technology Corp M32C/86T Datasheet HTML 110Page - Renesas Technology Corp M32C/86T Datasheet HTML 111Page - Renesas Technology Corp M32C/86T Datasheet HTML 112Page - Renesas Technology Corp M32C/86T Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 505 page
background image
Page 86
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
0
1
1
1
0 (3)
0
0
1
002, 102, 112,
Outputs BCLK
Outputs "L" (not P53)
Outputs fc
Outputs f8
0 (3)
0
1
0
11
0 (3)
0
1
Outputs f32
Outputs ALE
1
0 (3)
PM07 Bit
CM01 Bit
CM00 Bit
PM14 Bit
CLKOUT Pin Function
PM15 Bit
PM0 Register(1)
CM0 Register(2)
PM1 Register(1)
PM07 Bit
CM01 Bit
CM00 Bit
CLKOUT Pin Function
1
1
1
0
0
1
1
P53 I/O port
Outputs fc
Outputs f8
Outputs f32
PM0 Register (1)
CM0 Register (2)
0
1
0
1
9.3.3 fC32
fC32 is the sub clock divided by 32. fC32 is used as a count source for the timers A and B. fC32 is available
when the sub clock is running.
9.3.4 fCAN
fCAN has the same frequency as the main clock. It is a clock for the CAN module only.
9.4 Clock Output Function
The CLKOUT pin outputs fC, f8 or f32.
In memory expansion mode or microprocessor mode, a clock having the same frequency as the CPU clock
can be output from the BCLK pin as BCLK.
Table 9.5 lists CLKOUT pin function in single-chip mode. Table 9.6 lists CLKOUT pin function in memory
expansion mode and microprocessor mode.
Table 9.5 CLKOUT Pin in Single-Chip Mode
- : Can be set to either "0" or "1"
NOTES:
1. Rewrite the PM0 register after the PRC1 bit in the PRCR register is set to "1" (write enable).
2. Rewrite the CM0 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
Table 9.6 CLKOUT Pin in Memory Expansion Mode and Microprocessor Mode
- : Can be set to either "0" or "1"
NOTES:
1. Rewrite the PM1 and PM0 registers after the PRC1 bit in the PRCR register is set to "1" (write enable).
2. Rewrite the CM0 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
3. When the PM07 bit is set to "0" (selected in the CM01 and CM00 bits) or the PM15 and PM14 bits are
set to "012" (P53/BCLK), set the CM01 and CM00 bits to "002" (I/O port P53).
4. M32C/86T cannot be used in memory expansion mode and microprocessor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com