Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 427Page - Renesas Technology Corp M32C/86T Datasheet HTML 428Page - Renesas Technology Corp M32C/86T Datasheet HTML 429Page - Renesas Technology Corp M32C/86T Datasheet HTML 430Page - Renesas Technology Corp M32C/86T Datasheet HTML 431Page - Renesas Technology Corp M32C/86T Datasheet HTML 432Page - Renesas Technology Corp M32C/86T Datasheet HTML 433Page - Renesas Technology Corp M32C/86T Datasheet HTML 434Page - Renesas Technology Corp M32C/86T Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 505 page
background image
Page 408
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Write "xxD016" to the highest-
order block address
Start
Block erase operation
is completed
YES
NO
Write the command code "xx2016"
FMR00=1?
Full status check
NOTES:
1. Write the command code and data to even addresses.
25.3.5.5 Block Erase Command
The block erase command erases each block.
Auto erase operation (erase and verify) will start in the specified block by writing command code
"xx2016" in the first bus cycle and "xxD016" to the highest-order even address of a block in the second
bus cycle.
The FMR00 bit in the FMR0 register indicates whether or not an auto erase operation has been
completed. The FMR00 bit is set to "0" (busy) during auto erase and to "1" (ready) when the auto
erase operation is completed.
After the completion of an auto erase operation, the FMR07 bit in the FMR0 register indicates whether
or not the auto erase operation has been completed as expected. (Refer to 25.3.8 Full Status
Check.)
Figure 25.10 shows a flow chart of the block erase command programming.
The lock bit can protect each block from being programmed inadvertently. (Refer to 25.3.6 Data
Protect Function.)
In EW mode 1, do not execute this command on the block where the rewrite control program is allocated.
In EW mode 0, the microcomputer enters read status register mode as soon as an auto erase opera-
tion starts. The SRD register can be read. The SR7 bit in the SRD register is set to "0" at the same
time an auto erase operation starts. It is set to "1" when an auto erase operation is completed. The
microcomputer remains in read status register mode until the read array command or read lock bit
status command is written.
Figure 25.10 Block Erase Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com