Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 471Page - Renesas Technology Corp M32C/86T Datasheet HTML 472Page - Renesas Technology Corp M32C/86T Datasheet HTML 473Page - Renesas Technology Corp M32C/86T Datasheet HTML 474Page - Renesas Technology Corp M32C/86T Datasheet HTML 475Page - Renesas Technology Corp M32C/86T Datasheet HTML 476Page - Renesas Technology Corp M32C/86T Datasheet HTML 477Page - Renesas Technology Corp M32C/86T Datasheet HTML 478Page - Renesas Technology Corp M32C/86T Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 505 page
background image
Page 452
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27. Precautions
27.1 Restrictions to Use M32C/86T (High-Reliability Version)
The M32C/86T microcomputer (high-reliability version) has the following usage restrictions:
• M32C/86T must be used in single-chip mode only.
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
_______
_______
________ ______
_________ ________
_____
• Bus control pins (A0 to A22, A23, D0 to D15, CS0 to CS3, WRL/WR, WRH/BHE, RD, BCLK/ALE,
_________
__________
_______
HLDA/ALE, HOLD, ALE, RDY) and BCLK pins in M32C/86T cannot be used.
• The voltage detection circuit in M32C/86T cannot be used. Low voltage detection interrupt and brown-
out detection reset cannot also be used.
• The DS register, VCR1 register, VCR2 register, D4INT register and EWCR0 to EWCR3 registers in
M32C/86T cannot be used.
27. Precautions (Restrictions to Use M32C/86T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com