Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 198Page - Renesas Technology Corp M32C/86T Datasheet HTML 199Page - Renesas Technology Corp M32C/86T Datasheet HTML 200Page - Renesas Technology Corp M32C/86T Datasheet HTML 201Page - Renesas Technology Corp M32C/86T Datasheet HTML 202Page - Renesas Technology Corp M32C/86T Datasheet HTML 203Page - Renesas Technology Corp M32C/86T Datasheet HTML 204Page - Renesas Technology Corp M32C/86T Datasheet HTML 205Page - Renesas Technology Corp M32C/86T Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 505 page
background image
Page 179
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer B2 Register(1)
Symbol
Address
After Reset
TB2
035516 - 035416
Indeterminate
RW
RW
Function
b0
b8
Setting Range
If setting value is n, count source is divided by n+1.
The timers A1, A2 and A4 start every time an underflow occurs.
000016 to FFFF16
NOTES:
1. Use a 16-bit data for read and write.
b15
b7
Trigger Select Register
Symbol
Address
After Reset
TRGSR
034316
0016
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Bit
Symbol
TA1TGL
TA1TGH
TA2TGL
Timer A1 Event/Trigger
Select Bit
TA2TGH
TA3TGL
TA3TGH
TA4TGL
TA4TGH
Function
Set to "012" (TB2 underflow) before using
a V-phase output control circuit
Timer A2 Event/Trigger
Select Bit
Set to "012" (TB2 underflow) before using
a W-phase output control circuit
: Selects an input to the TA3IN pin
: Selects TB2 overflow(1)
: Selects TA2 overflow(1)
: Selects TA4 overflow(1)
Timer A3 Event/Trigger
Select Bit
Timer A4 Event/Trigger
Select Bit
Set to "012" (TB2 underflow) before using
a U-phase output control circuit
NOTES:
1. Overflow or underflow
b5
0
0
1
1
b4
0
1
0
1
Count Start Flag
Symbol
Address
After Reset
TABSR
034016
0016
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
TA0S
TA1S
TA2S
Timer A0 Count
Start Flag
TA3S
RW
RW
RW
RW
TA4S
TB0S
TB1S
TB2S
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
Timer A1 Count
Start Flag
Timer A2 Count
Start Flag
Timer A3 Count
Start Flag
Timer A4 Count
Start Flag
Timer B0 Count
Start Flag
Timer B1 Count
Start Flag
Timer B2 Count
Start Flag
b6
b5
b3
b2
b1
b4
b7
b0
Figure 16.6 TB2, TRGSR and TABSR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com