Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 203Page - Renesas Technology Corp M32C/86T Datasheet HTML 204Page - Renesas Technology Corp M32C/86T Datasheet HTML 205Page - Renesas Technology Corp M32C/86T Datasheet HTML 206Page - Renesas Technology Corp M32C/86T Datasheet HTML 207Page - Renesas Technology Corp M32C/86T Datasheet HTML 208Page - Renesas Technology Corp M32C/86T Datasheet HTML 209Page - Renesas Technology Corp M32C/86T Datasheet HTML 210Page - Renesas Technology Corp M32C/86T Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 505 page
background image
Page 184
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
m : setting value of UiBRG register
RxDi
Receive
Control Circuit
Transmit
Control Circuit
1 / (m+1)
1/16
1/16
1/2
UiBRG
Register
Clock Synchronous
(when internal clock is selected)
Clock Asynchronous
Receive
Clock Synchronous
Clock Synchronous
Clock Synchronous (when
internal clock is selected)
Clock Synchronous
(when external clock is
selected)
Receive
Clock
Transmit
Clock
CLKi
CTSi / RTSi
f1
f8
f2n(2)
VSS
CTSi
TxDi
RxD Polarity
Switching Circuit
TxD
Polarity
Switching
Circuit
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS
selected
CLK
Polarity
Switching
Circuit
CKDIR
Internal
External
Selecting Clock Source
Transmit/
Receive
Unit
(Note 1)
NOTES:
1. P70 and P71 are ports for the N-channel open drain output, but
not for the CMOS output.
2. The CNT3 to CNT0 bits in the TCSPR register select no division
(n=0) or divide-by-2n (n=1 to 15).
01
10
0
00
1
CKPOL
CLK1 and
CLK0
010, 100, 101, 110
010, 100, 101, 110
001
001
Clock Asynchronous
Transmit
SMD2 to SMD0
CKDIR
CRD
CRD
1
1
0
0
RTSi
CRS 0
1
8-bit Clock
Asynchronous
Clock
Synchronous
7-bit Clock
Asynchronous
SP
SP
PAR
Clock
Synchronous
Clock
Synchronous
Low-order bits of data bus
TxDi
UARTi Transmit Register
PAR
disabled
PAR
enabled
D8
D7
D6
D5
D4
D3
D2
D1
D0
UiTB Register
Clock
Synchronous
UiRB Register
UARTi Receive Register
2SP
1SP
RxDi
D7
D6
D5
D4
D3
D2
D1
D0
D8
000
0
000
SP
SP
PAR
0
Inverse
No inverse
Error Signal
Output Circuit
RxD Data
Inverse Circuit
Error Signal Output
enable
Error Signal Output
disable
Inverse
No inverse
Logic Inverse Circuit + MSB/LSB Conversion Circuit
Logic Inverse Circuit + MSB/LSB Conversion Circuit
PAR
enabled
PAR
disabled
Clock
Synchronous
TxD Data
Inverse Circuit
SP: Stop bit
PAR: Parity bit
i=0 to 4
SMD2 to SMD0, STPS, PRYE, IOPOL, CKDIR: Bits in the UiMR register
CLK1 and CLK0, CKPOL, CRD, CRS: Bits in the UiC0 register
UiERE: Bit in the UiC1 register
0
1
IOPOL
1
0
PRYE
0
1
9-bit Clock
Asynchronous
Clock
Synchronous
8-bit Clock
Asynchronous
Clock
Asynchronous
9-bit Clock
Asynchronous
Type
7-bit Clock
Asynchronous
0
1
1
1
SMD2 to SMD0
STPS
0
7-bit Clock
Asynchronous
8-bit Clock
Asynchronous
8-bit Clock
Asynchronous
9-bit Clock
Asynchronous
7-bit Clock
Asynchronous
1SP
2SP
0
1
STPS
PRYE
0
1
Clock
Asynchronous
1
9-bit Clock
Asynchronous
11
00
0
0
1
1
IOPOL
UiERE
High-order bits of data bus
SMD2 to SMD0
Figure 17.1 UARTi Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com