Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 247Page - Renesas Technology Corp M32C/86T Datasheet HTML 248Page - Renesas Technology Corp M32C/86T Datasheet HTML 249Page - Renesas Technology Corp M32C/86T Datasheet HTML 250Page - Renesas Technology Corp M32C/86T Datasheet HTML 251Page - Renesas Technology Corp M32C/86T Datasheet HTML 252Page - Renesas Technology Corp M32C/86T Datasheet HTML 253Page - Renesas Technology Corp M32C/86T Datasheet HTML 254Page - Renesas Technology Corp M32C/86T Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 505 page
background image
Page 228
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
If the output signal level of the TxDi pin (i=0 to 4) differs from the input signal level of the RxDi pin, an
interrupt request is generated.
UART0 and UART3 are assigned software interrupt number 40. UART1 and UART4 are assigned number
41. When using the bus conflict detect function of UART0 or UART3, of UART1 or UART4, set the IFSR6
bit and the IFSR7 bit in the IFSR register accordingly.
When the ABSCS bit in the UiSMR register is set to "0" (rising edge of the transfer clock), it is determined,
on the rising edge of the transfer clock, if the output level of the TxD pin and the input level of the RxD pin
match. When the ABSCS bit is set to "1" (timer Aj underflow), it is determined when the timer Aj (timer A3
in UART0, timer A4 in UART1, timer A0 in UART2, timer A3 in UART3, the timer A4 in UART4) counter
overflows. Use the timer Aj in one-shot timer mode.
When the ACSE bit in the UiSMR register is set to "1" (automatic clear at bus conflict) and the IR bit in the
BCNiIC register to "1" (discrepancy detected), the TE bit in the UiC1 register is set to "0" (transmit disable).
When the SSS bit in the UiSMR register is set to "1" (synchronized with RxDi), data is transmitted from the
TxDi pin on the falling edge of the RxDi pin. Figure 17.28 shows bits associated with the bus conflict detect
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com