Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 120Page - Renesas Technology Corp 4513 Datasheet HTML 121Page - Renesas Technology Corp 4513 Datasheet HTML 122Page - Renesas Technology Corp 4513 Datasheet HTML 123Page - Renesas Technology Corp 4513 Datasheet HTML 124Page - Renesas Technology Corp 4513 Datasheet HTML 125Page - Renesas Technology Corp 4513 Datasheet HTML 126Page - Renesas Technology Corp 4513 Datasheet HTML 127Page - Renesas Technology Corp 4513 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 210 page
background image
APPLICATION
2.2 Interrupts
2-21
4513/4514 Group User’s Manual
Fig. 2.2.5 Timer 1 constant period interrupt setting example
b3
b0
01
b3
b0
1
g0 h
b3
b0
1
11
0
0
b3
b0
Œ Disable Interrupts
Timer 1 interrupt is temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V1
“0”
!! !
All interrupts disabled (DI instruction)
Timer 1 interrupt occurrence disabled
(TV1A instruction)
 Stop Timer Operation
Timer 1 and prescaler are temporarily stopped.
Dividing ratio of prescaler is selected.
Timer control register W1
!
Timer 1 stop (TW1A instruction)
Prescaler stop
Prescaler divided by 16 selected
Ž Set Timer Value
Timer 1 count time is set. (The formula is shown gA below.)
Timer 1 reload register R1
“5216”
Timer count value 82 set (T1AB instruction)
 Clear Interrupt Request
Timer 1 interrupt activated condition is cleared.
Timer 1 interrupt request flag T1F “0”
Timer 1 interrupt activated condition cleared
(SNZT1 instruction)
Note when the interrupt request is cleared
When  is executed, considering the skip of the next instruction according to the
interrupt request flag T1F, insert the NOP instruction after the SNZT1 instruction.
 Start Timer Operation
Timer 1 and prescaler temporarily stopped are restarted.
Timer control register W1
Timer 1 operation start (TW1A instruction)
Prescaler operation stop
!
‘ Enable Interrupts
The Timer 1 interrupt which is temporarily disabled is enabled.
Interrupt control register V1
Interrupt enable flag INTE
“1”
Timer 1 interrupt occurrence enabled
(TV1A instruction)
All interrupts enabled (EI instruction)
!! !
Constant period interrupt execution start
gA The prescaler dividing ratio and timer 1 count value to make the interrupt occur every 1 ms are set as follows.
1 ms
≅ (4.0 MHz) ! 3
! 16
! (82+1)
–1
System clock Instruction
clock
Prescaler
dividing
ratio
Timer 1
count
value
“!”: it can be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com