Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 124Page - Renesas Technology Corp 4513 Datasheet HTML 125Page - Renesas Technology Corp 4513 Datasheet HTML 126Page - Renesas Technology Corp 4513 Datasheet HTML 127Page - Renesas Technology Corp 4513 Datasheet HTML 128Page - Renesas Technology Corp 4513 Datasheet HTML 129Page - Renesas Technology Corp 4513 Datasheet HTML 130Page - Renesas Technology Corp 4513 Datasheet HTML 131Page - Renesas Technology Corp 4513 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 210 page
background image
APPLICATION
2.2 Interrupts
2-25
4513/4514 Group User’s Manual
2.2.4 Notes on use
(1)
Setting of INT0 interrupt valid waveform
Depending on the input state of P30/INT0 pin, the external interrupt request flag (EXF0) may be set
to “1” when the interrupt valid waveform is changed. Accordingly, set a value to the bit 2 of register
I1, and execute the SNZ0 instruction to clear the EXF0 flag to “0” after executing at least one
instruction.
(2)
Setting of INT1 interrupt valid waveform
Depending on the input state of P31/INT1 pin, the external interrupt request flag (EXF1) may be set
to “1” when the interrupt valid waveform is changed. Accordingly, set a value to the bit 2 of register
I2, and execute the SNZ1 instruction to clear the EXF1 flag to “0” after executing at least one
instruction.
(3)
Multiple interrupts
Multiple interrupts cannot be used in the 4513/4514 Group.
(4)
Notes on interrupt processing
When the interrupt occurs, at the same time, the interrupt enable flag INTE is cleared to “0” (interrupt
disable state). In order to enable the interrupt at the same time when system returns from the
interrupt, write EI and RTI instructions continuously.
(5)
P30/INT0 pin
The P30/INT0 pin need not be selected the external interrupt input INT function or the normal output
port P30 function. However, the EXF0 flag is set to “1” when a valid waveform is input to INT0 pin
even if it is used as an I/O port P30.
(6)
P31/INT1 pin
The P31/INT1 pin need not be selected the external interrupt input INT function or the normal output
port P31 function. However, the EXF1 flag is set to “1” when a valid waveform is input to INT1 pin
even if it is used as an I/O port P31.
(7)
EPOF instruction
Be sure to disable interrupts by executing the DI instruction before executing the EPOF instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com