Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 128Page - Renesas Technology Corp 4513 Datasheet HTML 129Page - Renesas Technology Corp 4513 Datasheet HTML 130Page - Renesas Technology Corp 4513 Datasheet HTML 131Page - Renesas Technology Corp 4513 Datasheet HTML 132Page - Renesas Technology Corp 4513 Datasheet HTML 133Page - Renesas Technology Corp 4513 Datasheet HTML 134Page - Renesas Technology Corp 4513 Datasheet HTML 135Page - Renesas Technology Corp 4513 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 210 page
background image
APPLICATION
2.3 Timers
2-29
4513/4514 Group User’s Manual
(5)
Timer control register W3
The timer 3 count source selection bits are assigned to bits 0 and 1, the timer 3 count start synchronous
circuit control bit is assigned to bit 2 and the timer 3 control bit is assigned to bit 3.
Set the contents of this register through register A with the TW3A instruction. The TAW3 instruction
can be used to transfer the contents of register W3 to register A.
Table 2.3.5 shows the timer control register W3.
Table 2.3.5 Timer control register W3
Note: “R” represents read enabled, and “W” represents write enabled.
(6)
Timer control register W4
The timer 4 count source selection bits are assigned to bits 0 and 1, and the timer 4 control bit is
assigned to bit 3.
Set the contents of this register through register A with the TW4A instruction. The TAW4 instruction
can be used to transfer the contents of register W4 to register A.
Table 2.3.6 shows the timer control register W4.
Table 2.3.6 Timer control register W4
Timer control register W3
at reset : 00002
at RAM back-up : state retained
R/W
Stop (state retained)
Operating
Count start synchronous circuit not selected
Count start synchronous circuit selected
Count source
Timer 2 underflow signal
Prescaler output
Not available
Not available
Timer 3 control bit
Timer 3 count start synchronous
circuit control bit
Timer 3 count source selection
bits
W33
W32
W31
W30
0
1
0
1
W31
0
0
1
1
W30
0
1
0
1
Timer control register W4
at reset : 00002
at RAM back-up : state retained
R/W
Stop (state retained)
Operating
This bit has no function, but read/write is enabled.
Count source
Timer 3 underflow signal
Prescaler output
CNTR1 input
Not available
Timer 4 control bit
Not used
Timer 4 count source selection
bits
W43
W42
W41
W40
0
1
0
1
W41
0
0
1
1
W40
0
1
0
1
Note: “R” represents read enabled, and “W” represents write enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com