Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 126Page - Renesas Technology Corp 4513 Datasheet HTML 127Page - Renesas Technology Corp 4513 Datasheet HTML 128Page - Renesas Technology Corp 4513 Datasheet HTML 129Page - Renesas Technology Corp 4513 Datasheet HTML 130Page - Renesas Technology Corp 4513 Datasheet HTML 131Page - Renesas Technology Corp 4513 Datasheet HTML 132Page - Renesas Technology Corp 4513 Datasheet HTML 133Page - Renesas Technology Corp 4513 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 210 page
background image
APPLICATION
2.3 Timers
2-27
4513/4514 Group User’s Manual
2.3.2 Related registers
(1)
Interrupt control register V1
The timer 1 interrupt enable bit is assigned to bit 2, and the timer 2 interrupt enable bit is assigned
to bit 3.
Set the contents of this register through register A with the TV1A instruction. The TAV1 instruction
can be used to transfer the contents of register V1 to register A.
Table 2.3.1 shows the interrupt control register V1.
Table 2.3.1 Interrupt control register V1
Interrupt control register V1
at reset : 00002
at RAM back-up : 00002
R/W
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid)
Interrupt disabled (SNZ1 instruction is valid)
Interrupt enabled (SNZ1 instruction is invalid)
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
External 1 interrupt enable bit
External 0 interrupt enable bit
V13
V12
V11
V10
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When timer is used, V11 and V10 are not used.
(2)
Interrupt control register V2
The timer 3 interrupt enable bit is assigned to bit 0, and the timer 4 interrupt enable bit is assigned
to bit 1.
Set the contents of this register through register A with the TV2A instruction. The TAV2 instruction
can be used to transfer the contents of register V2 to register A.
Table 2.3.2 shows the interrupt control register V2.
Table 2.3.2 Interrupt control register V2
Interrupt control register V2
at reset : 00002
at RAM back-up : 00002
R/W
Interrupt disabled (SNZSI instruction is valid)
Interrupt enabled (SNZSI instruction is invalid)
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid)
Interrupt disabled (SNZT4 instruction is valid)
Interrupt enabled (SNZT4 instruction is invalid)
Interrupt disabled (SNZT3 instruction is valid)
Interrupt enabled (SNZT3 instruction is invalid)
Serial I/O interrupt enable bit
A-D interrupt enable bit
Timer 4 interrupt enable bit
Timer 3 interrupt enable bit
V23
V22
V21
V20
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When timer is used, V22 and V23 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com