Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 129Page - Renesas Technology Corp 4513 Datasheet HTML 130Page - Renesas Technology Corp 4513 Datasheet HTML 131Page - Renesas Technology Corp 4513 Datasheet HTML 132Page - Renesas Technology Corp 4513 Datasheet HTML 133Page - Renesas Technology Corp 4513 Datasheet HTML 134Page - Renesas Technology Corp 4513 Datasheet HTML 135Page - Renesas Technology Corp 4513 Datasheet HTML 136Page - Renesas Technology Corp 4513 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 210 page
background image
APPLICATION
2.3 Timers
2-30
4513/4514 Group User’s Manual
2.3.3 Timer application examples
(1)
Timer operation: measurement of constant period
The constant period by the setting timer count value can be measured.
Outline: The constant period by the timer 1 underflow signal can be measured.
Specifications: Timer 1 and prescaler divides the system clock frequency f(XIN) = 4.0 MHz, and the
timer 1 interrupt request occurs every 3 ms.
Figure 2.3.3 shows the setting example of the constant period measurement.
(2)
CNTR0 output operation: piezoelectric buzzer output
Outline: Square wave output from timer 1 can be used for piezoelectric buzzer output.
Specifications: 4 kHz square wave is output from the CNTR0 pin at system clock frequency f(XIN)
= 4.0 MHz. Also, timer 1 interrupt occurs simultaneously.
Figure 2.3.1 shows the peripheral circuit example, and Figure 2.3.4 shows the setting example of
CNTR0 output.
Fig. 2.3.1 Peripheral circuit example
(3)
CNTR0 input operation: event count
Outline: Count operation can be performed by using the signal (rising waveform) input from CNTR0
pin as the event.
Specifications: The low-frequency pulse from external as the timer 2 count source is input to CNTR0
pin, and the timer 2 interrupt request occurs every 100 counts.
Figure 2.3.5 shows the setting example of CNTR0 input.
4513/4514
CNTR0
125
µs125 µs
Set dividing ratio for timer 1 underflow cycle to 125
µs.
In order to reduce the current dissipation,
output is high-impedance state during buzzer
output stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com