Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 123Page - Renesas Technology Corp 4513 Datasheet HTML 124Page - Renesas Technology Corp 4513 Datasheet HTML 125Page - Renesas Technology Corp 4513 Datasheet HTML 126Page - Renesas Technology Corp 4513 Datasheet HTML 127Page - Renesas Technology Corp 4513 Datasheet HTML 128Page - Renesas Technology Corp 4513 Datasheet HTML 129Page - Renesas Technology Corp 4513 Datasheet HTML 130Page - Renesas Technology Corp 4513 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 210 page
background image
APPLICATION
2.2 Interrupts
2-24
4513/4514 Group User’s Manual
Fig. 2.2.8 Timer 4 constant period interrupt setting example
0
b3
b0
Œ Disable Interrupts
Timer 4 interrupt is temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V2
“0”
!!
!
All interrupts disabled (DI instruction)
Timer 4 interrupt occurrence disabled
(TV2A instruction)
b3
b0
01
 Stop Timer Operation
Timer 4, timer 3 and prescaler are temporarily stopped.
Dividing ratio of prescaler is selected.
Timer control register W1
!
Prescaler stop (TW1A instruction)
Prescaler divided by 16 selected
Timer 3 stop (TW3A instruction)
Prescaler selected for count source
Timer 4 stop (TW4A instruction)
Timer 3 underflow signal selected for count source
b3
b0
01
0
Timer control register W3
!
!
b3
b0
00
0
Timer control register W4
!
Ž Set Timer Value
Timer 3 and timer 4 count times are set. (The formula is shown gA below.)
Timer 3 reload register R3
Timer 4 reload register R4
“5216”
“F916”
Timer count value 82 set (T3AB instruction)
Timer count value 249 set (T4AB instruction)
 Clear Interrupt Request
Timer 4 interrupt activated condition is cleared.
Timer 4 interrupt request flag T4F “0”
Timer 4 interrupt activated condition cleared
(SNZT4 instruction)
Note when the interrupt request is cleared
When  is executed, considering the skip of the next instruction according to the
interrupt request flag T4F, insert the NOP instruction after the SNZT4 instruction.
b3
b0
0
11
 Start Timer 4 Operation
Timer 4, timer 3 and prescaler temporarily stopped are restarted.
Timer control register W3
Timer 4 operation start (TW4A instruction)
Timer 3 operation start (TW3A instruction)
Prescaler operation start (TW1A instruction)
!
b3
b0
11
Timer control register W1
!!
Timer control register W4
b3
b0
0
10
!
b3
b0
1
‘ Enable Interrupts
The timer 4 interrupt which is temporarily disabled is enabled.
Interrupt control register V2
Interrupt enable flag INTE
“1”
Timer 4 interrupt occurrence enabled
(TV2A instruction)
All interrupts enabled (EI instruction)
!!
!
Constant period interrupt execution start
gA The prescaler dividing ratio, time 3 count value and timer 4 count value to make the interrupt occur
every 250 ms are set as follows.
250 ms
≅ (4.0 MHz)
!
3
!
16 ! (82+1)
! (249+1)
–1
System clock Instruction
clock
Prescaler
dividing
ratio
Timer 3
count
value
Timer 4
count
value
“!”: it can be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com