Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5634M Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
3
– Operating on all 32 GPRs that are all extended to 64 bits wide
– Provides a full compliment of vector and scalar integer and floating point arithmetic operations (including
integer vector MAC and MUL operations) (SIMD)
– Provides rich array of extended 64-bit loads and stores to/from extended GPRs
– Fully code compatible with e200z6 core
— Floating point
– IEEE 754 compatible with software wrapper
– Scalar single precision in hardware, double precision with software library
– Conversion instructions between single precision floating point and fixed point
– Fully code compatible with e200z6 core
— Long cycle time instructions, except for guarded loads, do not increase interrupt latency
— Extensive system development support through Nexus debug port
•
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR)
— Three master ports, four slave ports
– Masters: CPU Instruction bus; CPU Load/store bus (Nexus); eDMA
– Slave: Flash; SRAM; Peripheral Bridge; calibration EBI
— 32-bit internal address bus, 64-bit internal data bus
•
Enhanced direct memory access (eDMA) controller
— 32 channels support independent 8-bit, 16-bit, or 32-bit single value or block transfers
— Supports variable sized queues and circular queues
— Source and destination address registers are independently configured to post-increment or remain constant
— Each transfer is initiated by a peripheral, CPU, or eDMA channel request
— Each eDMA channel can optionally send an interrupt request to the CPU on completion of a single value or block
transfer
•
Interrupt controller (INTC)
— 191 peripheral interrupt request sources
— 8 software settable interrupt request sources
— 9-bit vector
– Unique vector for each interrupt request source
– Provided by hardware connection to processor or read from register
— Each interrupt source can be programmed to one of 16 priorities
— Preemption
– Preemptive prioritized interrupt requests to processor
– ISR at a higher priority preempts ISRs or tasks at lower priorities
– Automatic pushing or popping of preempted priority to or from a LIFO
– Ability to modify the ISR or task priority. Modifying the priority can be used to implement the Priority Ceiling
Protocol for accessing shared resources.
— Low latency—three clocks from receipt of interrupt request from peripheral to interrupt request to processor
•
Frequency Modulating Phase-locked loop (FMPLL)
— Reference clock pre-divider (PREDIV) for finer frequency synthesis resolution
— Reduced frequency divider (RFD) for reducing the FMPLL output clock frequency without forcing the FMPLL
to re-lock
— System clock divider (SYSDIV) for reducing the system clock frequency in normal or bypass mode
— Input clock frequency range from 4 MHz to 20 MHz before the pre-divider, and from 4 MHz to 16 MHz at the
FMPLL input
— Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com