Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
89
VILEXT
CC
T EXTAL input low voltage
Crystal Mode14,
0.65
Vxtal1.25V15
—Vxtal –
0.4
V
T
External Reference14,
16
0VRC33/2
– 0.4
—
CC
T XTAL load capacitance12
4MHz
5
30
pF
8MHz
5
26
12 MHz
5
23
16 MHz
5
19
20 MHz
5
16
tlpll
CC
P PLL lock time 12, 17
—
—
200
s
tdc
CC
T Duty cycle of reference
—40
60
%
fLCK
CC
T Frequency LOCK range
—
–6
6
% fsys
fUL
CC
T Frequency un-LOCK range
—
–18
18
% fsys
fCS
fDS
CC
D Modulation Depth
Center spread
±0.25
±4.0
%fsys
D
Down Spread
–0.5
–8.0
fMOD
CC
D Modulation frequency18
—
—
100
kHz
1 All values given are initial design targets and subject to change.
2 Considering operation with PLL not bypassed.
3 f
VCO is calculated as follows:
— In Legacy Mode fVCO =(fcrystal / (PREDIV + 1)) * (4 * (MFD + 4))
— In Enhanced Mode fvco = (fcrystal / (EPREDIV + 1)) * (EMFD + 4)
4 All internal registers retain data at 0 Hz.
5 “Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked
mode.
6 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside the
fLOR window.
7 f
VCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in
enhanced mode.
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
SYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal.
Noise injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the
CJITTER percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for
this PLL, load capacitors should not exceed these limits. For a 20 MHz crystal the maximum load should be 17 pF.
13 Proper PC board layout procedures must be followed to achieve specifications.
14 This parameter is guaranteed by design rather than 100% tested.
Table 24. PLLMRFM electrical specifications1
(VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com