Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
34
2.3.20
Debug features
2.3.20.1
Nexus port controller
The NPC (Nexus Port Controller) block provides real-time development support capabilities for the MPC5634M Power
Architecture-based MCU in compliance with the IEEE-ISTO 5001-2003 standard. This development support is supplied for
MCUs without requiring external address and data pins for internal visibility. The NPC block is an integration of several
individual Nexus blocks that are selected to provide the development support interface for the MPC5634M. The NPC block
interfaces to the host processor (e200z335), eTPU, and internal buses to provide development support as per the IEEE-ISTO
5001-2003 standard. The development support provided includes program trace and run-time access to the MCUs internal
memory map and access to the Power Architecture and eTPU internal registers during halt. The Nexus interface also supports
a JTAG only mode using only the JTAG pins. MPC5634M in the production 144 LQFP supports a 3.3 V reduced (4-bit wide)
Auxiliary port. These Nexus port pins can also be used as 5 V I/O signals to increase usable I/O count of the device. When using
this Nexus port as IO, Nexus trace is still possible using VertiCal calibration. In the VertiCal calibration package, the full 12-bit
Auxiliary port is available.
NOTE
In the VertiCal package, the full Nexus Auxiliary port shares balls with the addresses of the
calibration bus. Therefore multiplexed address/data bus mode must be used for the
calibration bus when using full width Nexus trace in VertiCal assembly.
The following features are implemented:
•
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
— Always available in production package
— Supports both JTAG Boundary Scan and debug modes
— 3.3 V interface
— Supports Nexus class 1 features
— Supports Nexus class 3 read/write feature
•
9-pin Reduced Port interface in 144 LQFP production package
— Alternate function as IO
— 5 V (in GPIO or alternate function mode), 3.3 V (in Nexus mode) interface
— Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 MDO (message data out) pins
–2 MSEO (message start/end out) pins
–1 EVTO (event out) pin
— Auxiliary input port
– 1 EVTI (event in) pin
•
17-pin Full Port interface in VertiCal calibration package
— 3.3 V interface
— Auxiliary Output port
– 1 MCKO (message clock out) pin
– 4 (reduced port mode) or 12 (full port mode) MDO (message data out) pins; 8 extra full port pins shared with
calibration bus
–2 MSEO (message start/end out) pins
–1 EVTO (event out) pin
— Auxiliary input port
– 1 EVTI (event in) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com