Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
76
8d
Lvi5p0_h
CC
C LVI 5 V hysteresis5
—60
—
mV
9
Por5V_r
CC
C Nominal POR for rising 5 V
VDDREG supply
—2.67
—
V
9a
—
CC
C Variation of POR for rising
5 V VDDREG supply
Por5V_r –
35%
Por5V_r
Por5V_r +
50%
V
9b
Por5V_f
CC
C Nominal POR for falling 5 V
VDDREG supply
—2.47
—
V
9c
—
CC
C Variation of POR for falling
5 V VDDREG supply
Por5V_f –
35%
Por5V_f
Por5V_f +
50%
V
1 The limits will be reviewed after data collection from 3 different lots in a full production environment.
2 Using external ballast transistor.
3 Min range is extended to 10% since Lvi1p2 is reprogrammed from 1.2 V to 1.16 V after power-on reset.
4 LVI for falling supply is calculated as LVI rising - LVI hysteresis.
5
The internal voltage regulator can be disabled by tying the VDDREG pin to ground. When the internal voltage
regulator is disabled, the LVI specifications are not applicable because all LVI monitors are disabled. POR
specifications remain valid when the internal voltage regulator is disabled as long as VDDEH and VDD33 supplies
are within the required ranges.
6 This parameter is the “inrush” current of the internal 3.3 V regulator when it is turned on. This spec. is the current
at which the regulator will go into current limit mode.
7
Lvi3p3 tracks DC target variation of internal Vdd33 regulator. Minimum and maximum Lvi3p3 correspond to
minimum and maximum Vdd33 DC target respectively.
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com