Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
91
GAINVGA1
CC
– Variable gain amplifier accuracy (gain=1)9
CC
C
INL
8 MHz ADC
–4
4
Counts10
CC
C
16 MHz ADC
–8
8
Counts
CC
C
DNL
8 MHz ADC
–311
311
Counts
CC
C
16 MHz ADC
–311
311
Counts
GAINVGA2
CC
– Variable gain amplifier accuracy (gain=2)9
CC
D
INL
8 MHz ADC
–5
5
Counts
CC
D
16 MHz ADC
–8
8
Counts
CC
D
DNL
8 MHz ADC
–3
3
Counts
CC
D
16 MHz ADC
–3
3
Counts
GAINVGA4
CC
– Variable gain amplifier accuracy (gain=4)9
CC
D
INL
8 MHz ADC
–7
7
Counts
CC
D
16 MHz ADC
–8
8
Counts
CC
D
DNL
8 MHz ADC
–4
4
Counts
CC
D
16 MHz ADC
–4
4
Counts
DIFFmax
CC
C Maximum differential voltage
(DANx+ - DANx-) or (DANx- -
DANx+)
PREGAIN set
to 1X setting
–(VRH -
VRL)/2
V
DIFFmax2
CC
C
PREGAIN set
to 2X setting
–(VRH -
VRL)/4
V
DIFFmax4
CC
C
PREGAIN set
to 4X setting
–(VRH -
VRL)/8
V
DIFFcmv
CC
C Differential input Common mode
voltage (DANx- + DANx+)/212
(VRH -
VRL)/2 -
5%
(VRH -
VRL)/2 +
5%
V
1 Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to the
time that the ADC is ready to perform conversions. Delay from power up to full accuracy = 8 ms.
2 At V
RH – VRL = 5.12 V, one count = 1.25 mV. Without using pregain.
3 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs
greater then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive conditions.
4 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within
the limit do not affect device reliability or cause permanent damage.
5 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use the larger of the
calculated values.
6 Condition applies to two adjacent pins at injection limits.
7 Performance expected with production silicon.
8 All channels have same 10 k
 <Rs<100k; Channel under test has Rs=10 k; I
INJ=IINJMAX,IINJMIN
9 Variable gain is controlled by setting the PRE_GAIN bits in the ADC_ACR1-8 registers to select a gain factor of
1,
2, or 4. Settings are for differential input only. Tested at 1 gain. Values for other settings are guaranteed by as
indicated.
Table 26. eQADC conversion specifications (operating) (continued)
Symbol
C
Parameter
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com