Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
87
4.9.2
LVDS pad specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol which is an enhanced feature of the DSPI
module. The LVDS pads are compliant with LVDS specifications and support data rates up to 50 MHz.
Table 22. VRC33 pad average DC current
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins
only.
Pad
Type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
VRC33
(V)
VDDE
(V)
Drive
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Fast
IDRV_FC
CC
D
10
50
3.6
3.6
11
2.35
6.12
CC
D
10
30
3.6
3.6
10
1.75
4.3
CC
D
10
20
3.6
3.6
01
1.41
3.43
CC
D
10
10
3.6
3.6
00
1.06
2.9
CC
D
10
50
3.6
1.98
11
1.75
4.56
CC
D
10
30
3.6
1.98
10
1.32
3.44
CC
D
10
20
3.6
1.98
01
1.14
2.95
CC
D
10
10
3.6
1.98
00
0.95
2.62
Table 23. DSPI LVDS pad specification 1, 2
#
Characteristic
Symbol
C
Condition
Min.
Value
Typ.
Value
Max.
Value
Unit
Data Rate
4
Data Frequency
F
LVDSCLK
CC
D
50
MHz
Driver Specs
5
Differential output voltage
VOD
3
CC
P
SRC=0b00 or
0b11
150
430
mV
CC
P
SRC=0b01
90
340
CC
P
SRC=0b10
155
480
6
Common mode voltage
(LVDS), VOS
VOS
3
CC
P
0.8
1.2
1.6
V
7
Rise/Fall time
TR/TF
CC
D
2
ns
8
Propagation delay (Low to
High)
TPLH
CC
D
4
ns
9
Propagation delay (High to
Low)
TPHL
CC
D
4
ns
10
Delay (H/L), sync Mode
tPDSYNC
CC
D
4
ns
11
Delay, Z to Normal (High/Low) TDZ
CC
D
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com