Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
8
— DMA support
— Interrupt request support
— Programmable clock source: system clock or oscillator clock
— Support Microsecond Bus (Timed Serial Bus - TSB) uplink Version 1.0
•Two FlexCAN
— One with 32 message buffers; the second with 64 message buffers
— Full implementation of the CAN protocol specification, Version 2.0B
— Based on and including all existing features of the Freescale TouCAN module
— Programmable acceptance filters
— Short latency time for high priority transmit messages
— Arbitration scheme according to message ID or message buffer number
— Listen only mode capabilities
— Programmable clock source: system clock or oscillator clock
— Message buffers may be configured as mailboxes or as FIFO
•
Nexus port controller (NPC)
— Per IEEE-ISTO 5001-2003
— Real time development support for Power Architecture core and eTPU engine through Nexus class 2/1
— Read and write access (Nexus class 3 feature that is supported on this device)
– Run-time access of entire memory map
– Calibration
— Support for data value breakpoints / watchpoints
– Run-time access of entire memory map
– Calibration
Table constants calibrated using MMU and internal and external RAM
Scalar constants calibrated using cache line locking
— Configured via the IEEE 1149.1 (JTAG) port
•
IEEE 1149.1 JTAG controller (JTAGC)
— IEEE 1149.1-2001 Test Access Port (TAP) interface
— 5-bit instruction register that supports IEEE 1149.1-2001 defined instructions
— 5-bit instruction register that supports additional public instructions
— Three test data registers: a bypass register, a boundary scan register, and a device identification register
— Censorship disable register. By writing the 64-bit serial boot password to this register, Censorship may be disabled
until the next reset
— TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
•
On-chip Voltage Regulator for single 5 V supply operation
— On-chip regulator 5 V to 3.3 V for internal supplies
— On-chip regulator controller 5 V to 1.2 V (with external bypass transistor) for core logic
•
Low-power modes
— SLOW Mode. Allows device to be run at very low speed (approximately 1 MHz), with modules (including the
PLL) selectively disabled in software
— STOP Mode. System clock stopped to all modules including the CPU. Wake-up timer used to restart the system
clock after a predetermined time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com