Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5634M Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
4
— VCO free-running frequency range from 25 MHz to 125 MHz
— Four bypass modes: crystal or external reference with PLL on or off
— Two normal modes: crystal or external reference
— Programmable frequency modulation
– Triangle wave modulation
– Register programmable modulation frequency and depth
— Lock detect circuitry reports when the FMPLL has achieved frequency lock and continuously monitors lock status
to report loss of lock conditions
– User-selectable ability to generate an interrupt request upon loss of lock
– User-selectable ability to generate a system reset upon loss of lock
— Clock quality monitor (CQM) module provides loss-of-clock detection for the FMPLL reference and output
clocks
– User-selectable ability to generate an interrupt request upon loss of clock
– User-selectable ability to generate a system reset upon loss of clock
– Backup clock (reference clock or FMPLL free-running) can be applied to the system in case of loss of clock
•
Calibration bus interface (EBI)
— Available only in the calibration package
— 1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
— Memory controller with support for various memory types
— 16-bit data bus, up to 22-bit address bus
— Selectable drive strength
— Configurable bus speed modes
— Bus monitor
— Configurable wait states
•
System integration unit (SIU)
— Centralized GPIO control of 80 I/O pins
— Centralized pad control on a per-pin basis
– Pin function selection
– Configurable weak pull-up or pull-down
–Drive strength
–Slew rate
– Hysteresis
— System reset monitoring and generation
— External interrupt inputs, filtering and control
— Critical Interrupt control
— Non-Maskable Interrupt control
— Internal multiplexer subblock (IMUX)
– Allows flexible selection of eQADC trigger inputs (eTPU, eMIOS and external signals)
– Allows selection of interrupt requests between external pins and DSPI
•
Error correction status module (ECSM)
— Configurable error-correcting codes (ECC) reporting
— Single-bit error correction reporting
•
On-chip flash memory
— Up to 1.5 MB flash memory, accessed via a 64-bit wide bus interface
— 16 KB shadow block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com