Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
35
•
Host processor (e200) development support features
— IEEE-ISTO 5001-2003 standard class 2 compliant
— Program trace via branch trace messaging (BTM). Branch trace messaging displays program flow discontinuities
(direct branches, indirect branches, exceptions, etc.), allowing the development tool to interpolate what transpires
between the discontinuities. Thus, static code may be traced.
— Watchpoint trigger enable of program trace messaging
— Data Value Breakpoints (JTAG feature of the e200z335 core): allows CPU to be halted when the CPU writes a
specific value to a memory location
– 4 data value breakpoints
–CPU only
– Detects ‘equal’ and ‘not equal’
– Byte, half word, word (naturally aligned)
NOTE
This feature is imprecise due to CPU pipelining.
— Subset of Power Architecture software debug facilities with OnCE block (Nexus class 1 features)
•
eTPU development support features
— IEEE-ISTO 5001-2003 standard class 1 compliant for the eTPU
— Nexus based breakpoint configuration and single step support (JTAG feature of the eTPU)
•
Run-time access to the on-chip memory map via the Nexus read/write access protocol. This feature supports accesses
for run-time internal visibility, calibration variable acquisition, calibration constant tuning, and external rapid
prototyping for powertrain automotive development systems.
•
All features are independently configurable and controllable via the IEEE 1149.1 I/O port
•
Power-on-reset status indication during reset via MDO[0] in disabled and reset modes
2.3.20.2
JTAG
The JTAGC (JTAG Controller) block provides the means to test chip functionality and connectivity while remaining transparent
to system logic when not in test mode. Testing is performed via a boundary scan technique, as defined in the IEEE 1149.1-2001
standard. All data input to and output from the JTAGC block is communicated in serial format. The JTAGC block is compliant
with the IEEE 1149.1-2001 standard and supports the following features:
•
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
•
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
— BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
•
A 5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC
— ACCESS_AUX_TAP_ONCE
— ACCESS_AUX_TAP_eTPU
— ACCESS_CENSOR
•
3 test data registers to support JTAG Boundary Scan mode
— Bypass register
— Boundary scan register
— Device identification register
•
A TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
•
Censorship Inhibit Register
— 64-bit Censorship password register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com