Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
68
Table 10. Thermal characteristics for 176-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection2
2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board - 1s
38
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection2
Four layer board - 2s2p
31
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient2
@200 ft./min., single layer
board - 1s
30
°C/W
RJMA
CC
D Junction-to-Moving-Air, Ambient2
@200 ft./min., four layer
board - 2s2p
25
°C/W
RJB
CC
D Junction-to-Board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
20
°C/W
RJCtop
CC
D Junction-to-Case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
5°C/W
JT
CC
D Junction-to-Package Top, Natural
Convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
2°C/W
Table 11. Thermal characteristics for 208-pin MAPBGA1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-ambient, natural convection2,3
2 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
3 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
One layer board - 1s
39
°C/W
RJMA
CC
D Junction-to-ambient natural convection2,4
4 Per JEDEC JESD51-6 with the board horizontal.
Four layer board - 2s2p
24
°C/W
RJA
CC
D Junction-to-ambient (@200 ft/min)2,4
Single layer board
31
°C/W
RJMA
CC
D Junction-to-ambient (@200 ft/min)2,4
Four layer board 2s2p
20
°C/W
RJB
CC
D Junction-to-board5
5
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
Four layer board - 2s2p
13
°C/W
RJC
CC
D Junction-to-case6
6 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate
method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
6°C/W
JT
CC
D Junction-to-package top natural convection7
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com