Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
98
Figure 8. Pad output delay
4.16
AC timing
4.16.1
IEEE 1149.1 interface timing
Table 33. JTAG pin AC electrical characteristics1
#
Symbol
C
Characteristic
Min.
Value
Max.
Value
Unit
1tJCYC
CC
D
TCK Cycle Time
100
—
ns
2tJDC
CC
D
TCK Clock Pulse Width
40
60
ns
3tTCKRISE
CC
D
TCK Rise and Fall Times (40% – 70%)
—
3
ns
4tTMSS, tTDIS
CC
D
TMS, TDI Data Setup Time
5
—
ns
5tTMSH, tTDIH
CC
D
TMS, TDI Data Hold Time
25
—
ns
6tTDOV
CC
D
TCK Low to TDO Data Valid
—
23
ns
7tTDOI
CC
D
TCK Low to TDO Data Invalid
0
—
ns
8tTDOHZ
CC
D
TCK Low to TDO High Impedance
—
20
ns
9tJCMPPW
CC
D
JCOMP Assertion Time
100
—
ns
10
tJCMPS
CC
D
JCOMP Setup Time to TCK Low
40
—
ns
11
tBSDV
CC
D
TCK Falling Edge to Output Valid
—
50
ns
VDDE/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com