Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
12
2.2
MPC5634M features
•
Operating Parameters
— Fully static operation, 0 MHz – 80 MHz (plus 2% frequency modulation - 82 MHz)
— –40
C to 150 C junction temperature operating range
— Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core and peripherals
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
— Fabricated in 90 nm process
— 1.2 V internal logic
— Single power supply with 5.0 V
  5% (4.5 V to 5.25 V) with internal regulator to provide 3.3 V and 1.2 V
for the core
— Input and output pins with 5.0 V
  5% (4.5 V to 5.25 V) range
– 35%/65% VDDE CMOS switch levels (with hysteresis)
– Selectable hysteresis
– Selectable slew rate control
— Nexus pins powered by 3.3 V supply
— Designed with EMI reduction techniques
– Phase-locked loop
– Frequency modulation of system clock frequency
– On-chip bypass capacitance
– Selectable slew rate and drive strength
•
High performance e200z335 core processor
— 32-bit Power Architecture Book E programmer’s model
— Variable Length Encoding Enhancements
– Allows Power Architecture instruction set to be optionally encoded in a mixed 16 and 32-bit instructions
– Results in smaller code size
— Single issue, 32-bit Power Architecture Book E compliant CPU
— In-order execution and retirement
— Precise exception handling
— Branch processing unit
– Dedicated branch address calculation adder
– Branch acceleration using Branch Lookahead Instruction Buffer
— Load/store unit
– One-cycle load latency
– Fully pipelined
– Big and Little Endian support
– Misaligned access support
– Zero load-to-use pipeline bubbles
— Thirty-two 64-bit general purpose registers (GPRs)
4 165 interrupt channels are reserved for compatibility with future devices. This device has 191 peripheral interrupt
sources plus 8 software interrupts available to the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com