Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
6
— Motor control capability
•
Second-generation enhanced time processor unit (eTPU2)
— Object-code compatible with eTPU—no changes are required to hardware or software if only eTPU features are
used
— Intelligent co-processor designed for timing control
— High level tools, assembler and compiler available
— 32 channels (each channel has dedicated I/O pin in all packages)
— 24-bit timer resolution
— 14 KB code memory and 3 KB data memory
— Double match and capture on all channels
— Angle clock hardware support
— Shared time or angle counter bus with eMIOS
— DMA and interrupt request support
— Nexus Class 1 debug support
— eTPU2 enhancements
– Counters and channels can run at full system clock speed
– Software watchdog
– Real-time performance monitor
– Instruction set enhancements for smaller more flexible code generation
– Programmable channel mode for customization of channel operation
•
Enhanced queued A/D converter (eQADC)
— Two independent on-chip RSD Cyclic ADCs
– 8-, 10-, and 12-bit resolution
– Differential conversions
– Targets up to 10-bit accuracy at 500 KSample/s (ADC_CLK = 7.5 MHz) and 8-bit accuracy at 1 MSample/s
(ADC_CLK = 15 MHz) for differential conversions
– Differential channels include variable gain amplifier for improved dynamic range (
1; 2; 4)
– Differential channels include programmable pull-up and pull-down resistors for biasing and sensor diagnostics
(200 k
; 100 k; low value of 5 k)
– Single-ended signal range from 0 to 5 V
– Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
– Provides time stamp information when requested
– Parallel interface to eQADC command FIFOs (CFIFOs) and result FIFOs (RFIFOs)
– Supports both right-justified unsigned and signed formats for conversion results
– Temperature sensor to enable measurement of die temperature
– Ability to measure all power supply pins directly
— Automatic application of ADC calibration constants
– Provision of reference voltages (25% VREF and 75% VREF) for ADC calibration purposes
—Up to 341 input channels available to the two on-chip ADCs
— Four pairs of differential analog input channels
— Full duplex synchronous serial interface to an external device
– Has a free-running clock for use by the external device
– Supports a 26-bit message length
1. 176-pin and 208-pin packages have 34 input channels; 144-pin package has 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com