Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
72
4.4
Electromagnetic Interference (EMI) characteristics
4.5
Electromagnetic static discharge (ESD) characteristics
Table 12. EMI testing specifications1
1 IEC Classification Level: L = 24dBuV; K = 30dBuV.
Symbol
Parameter
Conditions
fOSC/fBUS
Frequency
Level
(Typ)
Unit
Radiated
Emissions
VEME
Device
Configuration, test
conditions and EM
testing per standard
IEC61967-2; Supply
Voltage = 5.0V DC,
Ambient
Temperature =
25°C, Worst-case
Orientation
Oscillator
Frequency = 8
MHz;
System Bus
Frequency = 80
MHz;
No PLL Frequency
Modulation
150 kHz – 50 MHz
26
dB
V
50–150 MHz
24
150–500 MHz
24
500–1000 MHz
21
IEC Level
K
—
Oscillator
Frequency = 8
MHz;
System Bus
Frequency = 80
MHz;
1% PLL
Frequency
Modulation
150 kHz – 50 MHz
20
dB
V
50–150 MHz
19
150–500 MHz
14
500–1000 MHz
7
IEC Level
L
—
Table 13. ESD ratings1,2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated
Circuits.
2 Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.”
Symbol
Parameter
Conditions
Value
Unit
—
SR
ESD for Human Body Model (HBM)
—
2000
V
R1
SR
HBM circuit description
—
1500
CSR
—
100
pF
—
SR
ESD for field induced charge Model (FCDM) All pins
500
V
Corner pins
750
—
SR
Number of pulses per pin
Positive pulses (HBM)
1
—
Negative pulses (HBM)
1
—
—
SR
Number of pulses
—
1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com