Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5634M Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5634M
Rev. 8, Feb 2011
© Freescale Semiconductor, Inc., 2008, 2010–2011. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5634M
208 MAPBGA
17 x 17 mm
144 LQFP
20 x 20 mm
100 LQFP
14 x 14 mm
176 LQFP
24 x 24 mm
MPC5634M Microcontroller
Data Sheet
• Operating Parameters
– Fully static operation, 0 MHz – 80 MHz (plus 2%
frequency modulation - 82 MHz)
– –40
C to 150 C junction temperature operating range
– Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core
and peripherals
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
– Fabricated in 90 nm process
– 1.2 V internal logic
– Single power supply with 5.0 V
  5% (4.5 V to
5.25 V) with internal regulator to provide 3.3 V and
1.2 V for the core
– Input and output pins with 5.0 V
  5% (4.5 V to
5.25 V) range
– 35%/65% VDDE CMOS switch levels (with
hysteresis)
– Selectable hysteresis
– Selectable slew rate control
– Nexus pins powered by 3.3 V supply
– Designed with EMI reduction techniques
– Phase-locked loop
– Frequency modulation of system clock frequency
– On-chip bypass capacitance
– Selectable slew rate and drive strength
• High performance e200z335 core processor
– 32-bit Power Architecture Book E programmer’s model
– Variable Length Encoding Enhancements
– Allows Power Architecture instruction set to be
optionally encoded in a mixed 16 and 32-bit
instructions
– Results in smaller code size
– Single issue, 32-bit Power Architecture Book E
compliant CPU
– In-order execution and retirement
– Precise exception handling
– Branch processing unit
– Dedicated branch address calculation adder
– Branch acceleration using Branch Lookahead
Instruction Buffer
– Load/store unit
– One-cycle load latency
– Fully pipelined
– Big and Little Endian support
– Misaligned access support
– Zero load-to-use pipeline bubbles
– Thirty-two 64-bit general purpose registers (GPRs)
– Memory management unit (MMU) with 16-entry
fully-associative translation look-aside buffer (TLB)
– Separate instruction bus and load/store bus
– Vectored interrupt support
– Interrupt latency < 120 ns @ 80 MHz (measured from
interrupt request to execution of first instruction of
interrupt exception handler)
– Non-maskable interrupt (NMI) input for handling
external events that must produce an immediate
response, e.g., power down detection. On this device, the
NMI input is connected to the Critical Interrupt Input.
(May not be recoverable)
– Critical Interrupt input. For external interrupt sources
that are higher priority than provided by the Interrupt
Controller. (Always recoverable)
– New ‘Wait for Interrupt’ instruction, to be used with new
low power modes
– Reservation instructions for implementing
read-modify-write accesses
– Signal processing extension (SPE) APU


Similar Part No. - MPC5634M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
High performance e200z335 core processor
MPC5634MF0MLQA4 FREESCALE-MPC5634MF0MLQA4 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA6 FREESCALE-MPC5634MF0MLQA6 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA8 FREESCALE-MPC5634MF0MLQA8 Datasheet
2Mb / 118P
microcontroller units (MCUs)
More results

Similar Description - MPC5634M

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com