Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
63
Table 6
gives the power/ground segmentation of the MPC563x MCU. Each segment provides the power and ground for the
given set of I/O pins, and can be powered by any of the allowed voltages regardless of the power on the other segments.
.
NMI
SIU – External
Interrupts
Non-Maskable Interrupt
GPIO[n]
SIU – GPIO
Configurable general purpose I/O pins. Each GPIO input and
output is separately controlled by an 8-bit input (GPDI) or output
(GPDO) register. Additionally, each GPIO pins is configured
using a dedicated SIU_PCR register.
The GPIO pins are generally multiplexed with other I/O pin
functions.
RESET
SIU – Reset
The RESET pin is an active low input. The RESET pin is
asserted by an external device during a power-on or external
reset. The internal reset signal asserts only if the RESET pin
asserts for 10 clock cycles. Assertion of the RESET pin while the
device is in reset causes the reset cycle to start over.
The RESET pin has a glitch detector which detects spikes
greater than two clock cycles in duration that fall below the switch
point of the input buffer logic of the VDDEH input pins. The switch
point lies between the maximum VIL and minimum VIH
specifications for the VDDEH input pins.
RSTOUT
SIU – Reset
The RSTOUT pin is an active low output that uses a push/pull
configuration. The RSTOUT pin is driven to the low state by the
MCU for all internal and external reset sources. There is a delay
between initiation of the reset and the assertion of the RSTOUT
pin.
Table 6. MPC563x Power/Ground Segmentation
Power
Segment
144-LQFP
Pin
Number
176-LQFP
Pin
Number
208-BGA
Pin
Number
Voltage
Range1
I/O Pins Powered
by Segment
VDDA0
6
6
B11
5.0 V
AN[0:7], AN[9], AN[11],
AN[16:18], AN[21:25],
AN[27:28], AN[30:37],
AN38, AN39, VRL,
REFBYPC,
VRH
VDDE5
—
—
T13
1.8 V –
3.3 V
CLKOUT
VDDEH1
(a,b)
24, 34
31, 41
K4
3.3 V –
5.0 V
PCKCFG[2],
eTPU_A[0:31],
eMIOS[0:2]
Table 5. Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com