Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
7
– Transmits a null message when there are no triggered CFIFOs with commands bound for external CBuffers,
or when there are triggered CFIFOs with commands bound for external CBuffers but the external CBuffers are
full
— Parallel Side Interface to communicate with an on-chip companion module
— Zero jitter triggering for queue 0. (Queue 0 trigger causes current conversion to be aborted and the queued
conversions in the CBUFFER to be bypassed. Delay from Trigger to start of conversion is 13 system clocks + 1
ADC clock.)
— eQADC Result Streaming. Generation of a continuous stream of ADC conversion results from a single eQADC
command word. Controlled by two different trigger signals; one to define the rate at which results are generated
and the other to define the beginning and ending of the stream. Used to digitize waveforms during specific
time/angle windows, e.g., engine knock sensor sampling.
— Angular Decimation. The ability of the eQADC to sample an analog waveform in the time domain, perform
FIR/IIR filtering also in the time domain, but to down sample the results in the angle domain. Resulting in a time
domain filtered result at a given engine angle.
— Priority Based CFIFOs
– Supports six CFIFOs with fixed priority. The lower the CFIFO number, the higher its priority. When
commands of distinct CFIFOs are bound for the same CBuffer, the higher priority CFIFO is always served
first.
– Supports software and several hardware trigger modes to arm a particular CFIFO
– Generates interrupt when command coherency is not achieved
— External Hardware Triggers
– Supports rising edge, falling edge, high level and low level triggers
– Supports configurable digital filter
— Supports four external 8-to-1 muxes which can expand the input channel number from 341 to 59
•
Two deserial serial peripheral interface modules (DSPI)
—SPI
– Full duplex communication ports with interrupt and DMA request support
– Supports all functional modes from QSPI subblock of QSMCM (MPC5xx family)
– Support for queues in RAM
– 6 chip selects, expandable to 64 with external demultiplexers
– Programmable frame size, baud rate, clock delay and clock phase on a per frame basis
– Modified SPI mode for interfacing to peripherals with longer setup time requirements
– LVDS option for output clock and data to allow higher speed communication
— Deserial serial interface (DSI)
– Pin reduction by hardware serialization and deserialization of eTPU, eMIOS channels and GPIO
– 32 bits per DSPI module
– Triggered transfer control and change in data transfer control (for reduced EMI)
– Compatible with Microsecond Bus Version 1.0 downlink
•
Two enhanced serial communication interface (eSCI) modules
— UART mode provides NRZ format and half or full duplex interface
— eSCI bit rate up to 1 Mbps
— Advanced error detection, and optional parity generation and detection
— Word length programmable as 8, 9, 12 or 13 bits
— Separately enabled transmitter and receiver
— LIN support
1. 176-pin and 208-ball packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com