Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 174 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 170Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 171Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 172Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 173Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 174Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 175Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 176Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 177Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 208 page
background image
174
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Controlled by an
External Superviser Device
As the reset pin can be forced in output by the Watch-Dog timer (WDT) or the POR/PFD
features, there can be a conflict between the external superviser device and the micro-
controller’s reset pin when in one side the external superviser is pulling the reset pin to
VCC and in another side the WDT or POR/PFD features tries to force the reset pin to
ground. Therefore, it recommended to insert a series resistor of 1.8K +/-10% or a diode
(1N4148 for instance) between the external superviser device and the reset pin as
detailed in the following figures.
Figure 105.
Use of an External Serial Resistor
Figure 106.
Use of an External Diode
RST
Vcc
10 K
Microcontrolleur
1.8 K
Superviser
device
To other on-board
circuitry
Power Fail
Detector
Watchdog
Timer
Power On
Reset
RST
Vcc
10 K
Microcontrolleur
Superviser
device
To other on-board
circuitry
Power Fail
Detector
Watchdog
Timer
Power On
Reset
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com