Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 173Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 174Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 175Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 176Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 177Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 178Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 179Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 180Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 208 page
background image
177
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Table 111.
Timeout value for F
CK_WD = 24 MHz / X2
Reset Value = XXXX XXXXb
The WDTRST register is used to reset / enable the WDT by writing 1EH then E1H in
sequence.
S2
S1
S0
Timeout for F
CK_WD= 24 MHz / X2
0
0
0
4.10 ms
0
0
1
8.19 ms
0
1
0
16.38 ms
0
1
1
32.77 ms
1
0
0
65.54 ms
1
0
1
131.07 ms
1
1
0
262.14 ms
1
1
1
524.29 ms
Table 112.
Watchdog Timer Enable register (Write Only) - WDTRST (A6h)
7654
3210
----
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com