Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 175 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 171Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 172Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 173Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 174Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 175Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 176Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 177Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 178Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 208 page
background image
175
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Watchdog Timer
The AT83R5122, AT8xC5122/23 microcontrollers contain a powerfull programmable
hardware Watchdog Timer (WDT) that automatically resets the chip if its software fails
to reset the WDT before the selected time interval has elapsed. It permits large timeout
ranking from 4ms to 524ms @ F
CK_WD = 24 MHz / X2
This WDT consist of a 14-bit counter plus a 7-bit programmable counter, a Watchdog
Timer reset register (WDTRST) and a Watchdog Timer programmation (WDTPRG) reg-
ister. When exiting the reset, the WDT is, by default, disabled. To activate the WDT, the
user has to write the sequence 1EH and E1H into WDRST register. When the Watchdog
Timer is enabled, it will increment every machine cycle while the oscillator is running
and there is no way to disable the WDT except through reset (either hardware reset or
WDT overflow reset). When WDT overflows, it will generate an output RESET pulse at
the RST pin. The RESET pulse duration is 96xTOSC, where TOSC=1/FOSC. To make the
best use of the WDT, it should be serviced in those sections of code that will periodically
be executed within the time required to prevent a WDT reset.
The WDT is controlled by two registers (WDTRST and WDTPRG).
Figure 107.
Watchdog Timer
RESET
Decoder
Control
WDTRST
WR
Enable
14-bit COUNTER
7 - bit COUNTER
Outputs
FCK_WD
RESET
-
-
-
-
-
2
1
0
WDTPRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com