Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 68Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 69Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 70Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 71Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 72Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 73Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 74Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 75Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 208 page
background image
72
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Additional Features
Clock
The CK_ISO input must be in the range 1 - 5 MHz according to ISO 7816.
The CK_ISO can be programmed up to 12 MHz. In this case, the timing specification of
the output buffer will not comply to ISO 7816.
Figure 40.
Clock Diagram of the SCIB Block
Figure 41.
Prescaler 2 Description
The division factor SCICLK must be smaller than 49. If it is greater or equal to 49, the
PR2 prescaler is locked.
See Figure 17 clock tree diagram in the clock controller chapter.
Table 42.
Examples of Clock settings
Card Presence Input
The internal pull-up (weak pull-up) on Card Presence input can be disconnected in order
to reduce the consumption (CPRESRES, bit 3 in PMOD0).
In this case, an external resistor (typically 1 M
Ω) must be externally tied to Vcc.
CPRES input can generate an interrupt (see Interrupt system section).
The detection level can be selected.
PR2
Ck_cpu
Ck_ISO
SCIB
CK_PLL or
CK_IDLE
CK_XTAL1
PR2
1/(2*(48 - SCICLK[5-0]))
CK_ISO
EXT48
PLLCON.2
0
1
CK_PLL
CK_XTAL1
XTSCS
SCICLK.7
SCICLK[5:0]
<48
=48
XTAL1 (MHz)
EXT48
SCICLK
CK_ ISO
80
36
4
8
0
44
12
80
42
8
80
40
6
80
24
2
80
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com