Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 93Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 94Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 95Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 96Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 97Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 98Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 99Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 100Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 208 page
background image
97
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Configuration
General Configuration
•
USB controller enable
Before any USB transaction, the 48 MHz required by the USB controller must be cor-
rectly generated (Section "Clock Controller", page 39).
The USB controller should be then enabled by setting the USBE bit in the USBCON
register.
•
Set address
After a Reset or a USB reset, the software has to set the FEN (Function Enable) bit in
the USBADDR register. This action will allow the USB controller to answer to the
requests sent at the address 0.
When a SET_ADDRESS request has been received, the USB controller must only
answer to the address defined by the request. The new address should be stored in the
USBADDR register. The FEN bit and the FADDEN bit in the USBCON register should
be set to allow the USB controller to answer only to requests sent at the new address.
•
Set configuration
The CONFG bit in the USBCON register should be set after a SET_CONFIGURATION
request with a non-zero value. Otherwise, this bit should be cleared.
Endpoint Configuration
•
Selection of an Endpoint
The endpoint register access is performed using the UEPNUM register. The following
registers
correspond to the endpoint whose number is stored in the UEPNUM register. To select
an Endpoint, the firmware has to write the endpoint number in the UEPNUM register.
–
UEPSTAX,
–
UEPCONX,
–UEPDATX,
–
UBYCTX,
Figure 52.
Endpoint Selection
UEPNUM
Endpoint 0
Endpoint 6
UEPSTA0
UEPCON0
UEPDAT0
UEPSTA6
UEPCON6
UEPDAT6
0
1
2
3
4
5
6
SFR Registers
UEPSTAX
UEPCONX
UEPDATX
X
UBYCT0
UBYCT6
UBYCTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com