Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 14Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 15Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 16Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 17Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 18Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 19Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 20Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 21Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 208 page
background image
18
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Memory Organization The AT83R5122, AT8xC5122/23 devices have separated address spaces for Program
and Data Memory, as shown in Figure 12 on page 27, Figure 13 on page 29 and Figure
14 on page 30. The logical separation of Program and Data memory allows the Data
Memory to be accessed by 8-bit addresses, which can be more quickly stored and
manipulated by an-bit CPU. Nevertheless, 16-bit Data Memory addresses can also be
generated through the DPTR register.
Program Memory
Managament
Depending on the state of EA pin, the MCU fetches the code from internal or external
program memory (ROMless mode)
Warning
: the EA pin can not be left floating, otherwise MCU may have an unpredict-
able behaviour.
If EA is strapped to VCC, the MCU fetches the code from the internal program memory.
The way the MCU works in this mode depends on the device version. See next para-
graphs for further details.
If the EA is strapped to GND, the MCU fetches the code from external program memory.
This mode is common for all device versions wich supports it. After reset, the CPU
begins the execution from location 0000h. There can be up to 64 KBytes of program
memory. In this mode, the internal program memories are disabled.
The hardware configuration for external program execution is shown in Figure 8.
Figure 8.
Executing from External Program Memory
Note that the 16 I/O lines (Ports 0 and 2) are dedicated to bus functions during external
Program Memory fetches. Port 0 serves as a multiplexed address/dat bus. It emits the
low byte of the Program Counter (PCL) as an address, and then goes into a float state
awaiting the arrival of the code byte from the Program Memory. During the time that the
low byte of the Program Counter is valid on P0, the signal ALE (Address Latch Enable)
clocks the byte into an address latch. Meanwhile, Port 2 emits the high byte of the Pro-
gram Counter (PCH). Then PSEN strobes the External Program Memory and the code
byte is read into the MCU.
PSEN is not activated and Ports P0 and P2 are not affected during internal program
fetches.
EXTERNAL PROGRAM
MEMORY
AT8xC5122
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
Latch
OE
PSEN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com