Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 4 Page - ATMEL Corporation

  AT83C5123XXX-RATUM Datasheet HTML 1Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 2Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 3Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 4Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 5Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 6Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 7Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 8Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 208 page
background image
4
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
AT8xC5122/AT83R5122 Block Diagram
AT83C5123 Block Diagram
DC/DC
Conv erter
UART
Interf ace
16-BIT
TIMERS
Interrupt
Controller
Alternate
Card
3.3 V
Regulator
WATCH-DOG
POR
PFD
RESET
RST
PLL
PLLF
XTAL1
XTAL2
8 MHz
Oscillator
256 x 8
RAM
512 x 8
XRAM
256 x 8
RAM
INTERNALADDRESSANDDATABUS
32K x 8
ROM(1)
32K x 8
E2PROM(1)
32K x 8
CRAM(1)
ExternalMemory
Controller
USB
Interf ace
CCLK
CRST
CPRES
CC8
CC4
CIO
3.3V
Regulator
Note 1 : the implementation of these f eatures depends on product v ersions
512 x 8
E2PROM(1)
ParallelI/OPorts
8-BIT
PORT
8-BIT
PORT
8-BIT
PORT
6-BIT
PORT
8-BIT
PORT
LED's
3-BIT
PORT
SPI
Interf ace
KBD
Interf ace
DC/DC
Conv erter
UART
Interf ace
16-BIT
TIMERS
Interrupt
Controller
Alternate
Card
3.3 V
Regulator
WATCH-DOG
POR
PFD
RESET
RST
PLL
PLLF
XTAL1
XTAL2
8 MHz
Oscillator
256 x 8
RAM
512 x 8
XRAM
256 x 8
RAM
INTERNALADDRESSANDDATABUS
30K x 8
ROM
512 x 8
E2PROM(1)
ParallelI/OPorts
8-BIT
PORT
USB
Interf ace
CCLK
CRST
CPRES
CC8
CC4
CIO
3.3V
Regulator
Note 1 : the implementation of these f eatures depends on product v ersions
1-BIT
PORT
LED's
3-BIT
PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com