Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 91Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 92Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 93Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 94Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 95Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 96Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 97Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 98Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 208 page
background image
95
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 49.
SIE Block Diagram
Function Interface Unit (UFI)
The Function Interface Unit provides the interface between the AT8xC5122D (or
AT83C5123) and the SIE. It manages transactions at the packet level with minimal inter-
vention from the device firmware, which reads and writes the endpoint FIFOs.
Figure 50.
UFI Block Diagram
End of Packet
Detection
Start of Packet
Detection
D+
D-
Clock
Recovery
SYNC detection
PID decoder
Address Decoder
Serial to Parallel
Conversion
CRC5 & CRC16
Generation/Check
USB Pattern Generator
Parallel to Serial Converter
Bit Stuffing
NRZI Converter
CRC16 Generator
NRZI ‘ NRZ
Bit Unstuffing
Packet bit counter
Clk48
(48 MHz)
SysClk
(12 MHz)
DataIn [7:0]
DataOut
8
8
Transfer
Control
FSM
DPR Control
USB side
CSREG 0 to 7
Registers
Bank
DPR Control
mP side
UFI
User DPRAM
Up to 48 MHz
UC_SYSCLK
C51
Microcontroller
Interface
Asynchronous Information
Transfer
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
SIE
DPLL
Endpoint 4
Endpoint 5
Endpoint 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com