Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 40Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 41Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 42Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 43Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 44Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 45Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 46Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 47Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 208 page
background image
44
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 20.
X1 mode
When the X1 mode is selected, the CPU and Peripherals work at 8Mhz / X1
Figure 21.
X2 mode
When the X2 mode is selected, the CPU works at 8 MHz / X2. The Peripherals can work
at 8 MHz / X2 or 8 MHz / X1.
When the PR1 prescaler is different from 1/2, the usual X1 mode can not be defined. In
this case, it is necessary to define a X1 or X2 equivalent mode from equivalent clock
circuits.
Example : PR1=1/8, X2=0.
In this configuration, the CPU works at 1 MHz. This frequency could also be obtained by
an equivalent clock circuit where the on-chip oscillator would run at 2 MHz in X1 mode
or at 1 MHz in X2 mode. So we can say that the CPU works at 2 MHz / X1 or 1MHz / X2.
As the X2 bit is cleared in CKCON0 register, we have FCK_IDLE = FCK_PERIPH.
8 MHz
1/2
PR1 prescaler
CPU frequency
4 MHz
4 MHz
Peripheral frequency
Crystal
8 MHz
CPU frequency (X2 Mode)
8 MHz
8 MHz
Peripheral frequency (X2 mode)
4 MHz
1/2
Peripheral frequency (X1 mode)
Internal Prescaler
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com