Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 47Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 48Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 49Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 50Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 51Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 52Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 53Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 54Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 208 page
background image
51
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
I/O Port Definition
Ports vs Packages
Table 30.
I/O Number vs Packages
Port 0
Port 0 has the following functions:
–
Default function: Port 0 is an 8-bit I/O port.
–
Alternate function: Port 0 is also the multiplexed low-order address and data
bus during accesses to external Program and Data Memory. In this
application, it uses strong internal pull-ups when emitting 1’s and it can drive
CMOS inputs without external pull-ups.
Port 0 has the following configurations:
–
Default configuration: open drain bi-directional I/O port. Port 0 pins that have
1’s written to them float, and in this state they can be used as high-
impedance inputs.
–
Configuration 2: Low speed output, “KB_OUT”
–
Configuration 3: Push-pull output
P0
P1
P2
P3
P4
P5
Total
VQFP64
QFN64
88886
8
46
VQFP32
QFN32
-8
-8-
1
17
PLCC28
-
6
-
6
-
1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com