Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 24Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 25Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 26Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 27Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 28Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 29Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 30Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 31Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 208 page
background image
28
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
AT83R5122, AT8xC5122’s
ROM Version
The AT83R5122, AT8xC5122’s ROM version implements :
- 32 K of ROM mapped from 0000h to 7FFFh in which is embedded the user code. The
ROM device is only factory programmable.
- 512 bytes of E2PROM can be optionally implemented to store permanent data. With
this option, the size of ROM is reduced to 30K.
After the reset, the MCU begins the execution of the user code from location 0000h of
the ROM.
Access to external Program Memory is not allowed.
Security Level
There are two security levels (applicable to High Pin Count packages only) :
The security level 2 can be used to protect the user code from piracy. This option is con-
figured at factory and must be requested by the customer at order time.
Table 9.
Security Levels Description
Security Level
Protection description
1
No protection lock enabled
2
MOVC instruction executed from external Program Memory is disabled when fetching
code bytes from internal Program Memory
EA is sampled and latched on reset.
External code execution is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com